Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 18 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 18 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 14Page - Texas Instruments AM261...ZFG Datasheet HTML 15Page - Texas Instruments AM261...ZFG Datasheet HTML 16Page - Texas Instruments AM261...ZFG Datasheet HTML 17Page - Texas Instruments AM261...ZFG Datasheet HTML 18Page - Texas Instruments AM261...ZFG Datasheet HTML 19Page - Texas Instruments AM261...ZFG Datasheet HTML 20Page - Texas Instruments AM261...ZFG Datasheet HTML 21Page - Texas Instruments AM261...ZFG Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 218 page
background image
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– Low: The output buffer is enabled and drives VOL.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: No internal pull resistor.
• An empty box, or "-" means Not Applicable.
7. Ball State After Reset (RX/TX/PULL): State of the terminal after PORz is deasserted, where RX defines the
state of the input buffer, TX defines the state of the output buffer, and PULL defines the state of internal pull
resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
– On: The input buffer is enabled.
• TX (Output buffer)
– Off: The output buffer is disabled.
– SS: The subsystem selected with MUXMODE determines the output buffer state.
• PULL (Internal pull resistors)
– Off: Internal pull resistors are turned off.
– Up: Internal pull-up resistor is turned on.
– Down: Internal pull-down resistor is turned on.
– NA: No internal pull resistor.
• An empty box, NA, or "-" means Not Applicable.
8. Mux Mode After Reset: The value found in this column defines the default pin multiplexed signal function
after PORz is deasserted.
• An empty box, NA, or "-" means Not Applicable.
9. I/O Voltage: This column describes I/O operating voltage options of the respective power supply, when
applicable.
• An empty box, NA, or "-" means Not Applicable.
For more information, see valid operating voltage range defined for each power supply in Recommended
Operating Conditions.
10. Power: The power supply of the associated I/O, when applicable.
• An empty box, NA, or "-" means Not Applicable.
11. Hys: Indicates if the input buffer associated with this I/O has hysteresis:
• Yes: Hysteresis Support
• No: No Hysteresis Support
• An empty box, NA, or "-" means Not Applicable.
For more information, see the hysteresis values in Electrical Characteristics.
12. Pull Type: Indicates the presence of an internal pull-up or pull-down resistor. Internal resistors can be
enabled or disabled via software.
• PU: Internal pull-up Only
• PD: Internal pull-down Only
• PU/PD: Internal pull-up and pull-down
• An empty box, NA, or "-" means No internal pull.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com