Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 84 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 80Page - Texas Instruments AM261...ZFG Datasheet HTML 81Page - Texas Instruments AM261...ZFG Datasheet HTML 82Page - Texas Instruments AM261...ZFG Datasheet HTML 83Page - Texas Instruments AM261...ZFG Datasheet HTML 84Page - Texas Instruments AM261...ZFG Datasheet HTML 85Page - Texas Instruments AM261...ZFG Datasheet HTML 86Page - Texas Instruments AM261...ZFG Datasheet HTML 87Page - Texas Instruments AM261...ZFG Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 218 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
VDD
SOC VDD core supply
–0.5
1.5
V
VDDAR1
SRAM Array Supply 1
–0.5
1.5
V
VDDAR2
SRAM Array Supply 2
–0.5
1.5
V
VDDAR3
SRAM Array Supply 3
–0.5
1.5
V
VDDS18
1.8V IO Bias Supply from Bias LDO routed
through Board
–0.5
2.1
V
VDDS33
3.3V IO Supply
–0.5
4.0
V
VDDA18_OSC_PLL
1.8V Analog Supply for PLL. Routed from
the 1.8V Analog LDO out through Board
–0.5
2.1
V
VDDA33
Analog 3.3V Supply
–0.5
4.0
V
VDDA18
1.8V Analog Supply. Routed from the 1.8V
Analog LDO out through Board
–0.5
2.1
V
IO Pin Steady State Voltage
3.3V LVCMOS IO Buffer
–0.3
VDDS33(3) + 0.3
V
3.3V I2C Open-Drain IO Buffers
–0.3
VDDS33(3) + 0.3
V
XTAL Pad
–0.5
2.1
V
Transient
Overshoot and
Undershoot
All Other IO Terminals
–0.3
VDDS33(3) + 0.2 × VDDS33(3) for up
to 20% of signal period
V
XTAL Pad
20% of VDDA18_OSC_PLL for up to 20%
of signal period
0.2 × VDDA18_OSC_PLL
V
Latch Up Performance
Class II (150°C)
Latch-up I-test Performance (Current-Pulse
Injection on each IO pin)
±100(5)
mA
Latch-up Overvoltage Performance (Voltage
Injection on each IO pin)
1.5 × VDDS33
V
Output current
Digital output (per pin), IOUT
–20
20
mA
Storage temperature(4)
Tstg
–55
155
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
VDDS33 is the voltage on the corresponding power-supply pin(s) for the IC.
(4)
Long-term high-temperature storage or extended use at maximum temperature conditions may result in a reduction of overall device
life. For additional information, see the Semiconductor and IC Package Thermal Metrics Application Report.
(5)
The LVCMOS pins GPIO77, GPIO118, GPIO106, GPIO103, GPIO89, GPIO91, TMS can withstand Latch-up Current Pulse Injection on
each IO pin to levels of upto ±50mA.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
84
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com