Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 35 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 35 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 31Page - Texas Instruments AM261...ZFG Datasheet HTML 32Page - Texas Instruments AM261...ZFG Datasheet HTML 33Page - Texas Instruments AM261...ZFG Datasheet HTML 34Page - Texas Instruments AM261...ZFG Datasheet HTML 35Page - Texas Instruments AM261...ZFG Datasheet HTML 36Page - Texas Instruments AM261...ZFG Datasheet HTML 37Page - Texas Instruments AM261...ZFG Datasheet HTML 38Page - Texas Instruments AM261...ZFG Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
C7
C7
C8
C9
GPIO25
GPIO25_CFG_REG
0x5310 0064
0x0000 05F7
UART0_RTSn
0
O
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
I2C2_SCL
1
IO
SPI3_D0
2
IO
PR1_PRU1_GPIO19
3
IO
PR1_PRU0_GPIO17
4
IO
UART3_RXD
5
I
GPMC0_WAIT1
6
I
GPIO25
7
IO
XBAROUT9
10
O
B7
D8
A7
A9
GPIO26
GPIO26_CFG_REG
0x5310 0068
0x0000 05F7
UART0_CTSn
0
I
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
I2C2_SDA
1
IO
SPI3_D1
2
IO
SPI0_CS1
3
IO
PR1_PRU0_GPIO7
4
IO
UART3_TXD
5
O
GPIO26
7
IO
XBAROUT10
10
O
A7
A8
A6
A8
GPIO27
GPIO27_CFG_REG
0x5310 006C
0x0000 05F7
UART0_RXD
0
I
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
LIN0_RXD
1
IO
GPIO27
7
IO
XBAROUT4
10
O
A6
B8
B6
B8
GPIO28
GPIO28_CFG_REG
0x5310 0070
0x0000 05F7
UART0_TXD
0
O
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
LIN0_TXD
1
IO
GPIO28
7
IO
XBAROUT5
10
O
R17
W20
P16
V19
GPIO29
GPIO29_CFG_REG
0x5310 0074
0x0000 05F7
RGMII1_RXC
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
RMII1_REF_CLK
1
IO
MII1_RXCLK
2
I
OSPI1_CLK
3
O
FSITX0_CLK
6
O
GPIO29
7
IO
R18
V19
M14
U17
GPIO30
GPIO30_CFG_REG
0x5310 0078
0x0000 05F7
RGMII1_RX_CTL
0
I
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
RMII1_RX_ER
1
I
MII1_RXDV
2
I
OSPI1_D0
3
IO
FSITX0_DATA0
6
O
GPIO30
7
IO
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com