Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 168 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 168 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 164Page - Texas Instruments AM261...ZFG Datasheet HTML 165Page - Texas Instruments AM261...ZFG Datasheet HTML 166Page - Texas Instruments AM261...ZFG Datasheet HTML 167Page - Texas Instruments AM261...ZFG Datasheet HTML 168Page - Texas Instruments AM261...ZFG Datasheet HTML 169Page - Texas Instruments AM261...ZFG Datasheet HTML 170Page - Texas Instruments AM261...ZFG Datasheet HTML 171Page - Texas Instruments AM261...ZFG Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 218 page
background image
6.11.5.14.1 PRU-ICSS Programmable Real-Time Unit (PRU)
Note
The PRU-ICSS PRU signals have different functionality depending on the mode of operation. The
signal naming in this section matches the naming used in the PRU Module Interface section in the
device TRM.
6.11.5.14.1.1 PRU-ICSS PRU Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input Slew Rate
1
3
V/ns
OUTPUT CONDITIONS
CL
Output Load Capacitance
2
30
pF
6.11.5.14.1.2 PRU-ICSS PRU Switching Characteristics - Direct Output Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRDO1
tsk(PRU_GPO)
PRU_GPO (data out) skew
3
ns
GPO[n:0]
PRDO1
PRU_TIMING_02
A.
n in GPO[n:0] = 19.
Figure 6-65. PRU-ICSS PRU Direct Output Timing
6.11.5.14.1.3 PRU-ICSS PRU Timing Requirements - Parallel Capture Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRPC1
tc(PRU_CLOCK)
Cycle time, PRU_CLOCK
20
ns
PRPC2
tw(PRU_CLOCKL
Pulse duration, PRU_CLOCK Low
10
ns
PRPC3
tw(PRU_CLOCKH)
Pulse duration, PRU_CLOCK High
10
ns
PRPC4
tsu(PRU_DATAIN-PRU_CLK)
Setup time, PRU_DATAIN valid before
PRU_CLOCK active edge
4
ns
PRPC5
tth(PRU_CLOCK-
PRU_DATAIN)
Hold time, PRU_DATAIN valid after
PRU_CLOCK active edge
0
ns
CLOCKIN
DATAIN
PRPC1
PRPC3
PRPC2
PRPC4
PRPC5
PRU_TIMING_03
Figure 6-66. PRU-ICSS PRU Parallel Capture Timing Requirements – Rising Edge Mode
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
168
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com