Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 195 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 195 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 191Page - Texas Instruments AM261...ZFG Datasheet HTML 192Page - Texas Instruments AM261...ZFG Datasheet HTML 193Page - Texas Instruments AM261...ZFG Datasheet HTML 194Page - Texas Instruments AM261...ZFG Datasheet HTML 195Page - Texas Instruments AM261...ZFG Datasheet HTML 196Page - Texas Instruments AM261...ZFG Datasheet HTML 197Page - Texas Instruments AM261...ZFG Datasheet HTML 198Page - Texas Instruments AM261...ZFG Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 218 page
background image
• (OSPI Signal Descriptions): Removed SOP pin notation from OSPI0_D0, OSPI1_D0, OSPI0_D1, and
OSPI1_D1.........................................................................................................................................................69
• (OSPI Signal Descriptions): Removed GPIO61 pins from OSPI0_RESET_OUT0 and added table note about
external flash memory reset............................................................................................................................. 69
• (POWER Signal Descriptions): Added table notes...........................................................................................71
• (POWER Signal Descriptions): Added VPP and VSS line items......................................................................71
• (POWER Signal Descriptions): Updated description for VDDA18_LDO pin and added note.......................... 71
• (POWER Signal Descriptions): Updated description for VDD and VNWA and added table note about core
voltage specification......................................................................................................................................... 71
• (SDFM Signal Descriptions): Added table notes.............................................................................................. 75
• (SPI Signal Descriptions): Moved section below SDFM Signal Descriptions................................................... 76
• (SPI Signal Descriptions): Removed SOP pin notation from SPI0_CLK and SPI0_D0 signal descriptions..... 76
• (Boot Mode Signal Descriptions): Updated descriptions to reflect correct SOP pins....................................... 77
• (VMON Signal Description): Added table note................................................................................................. 79
• (No Connection Description): Add table note................................................................................................... 79
• (USB0 Signal Descriptions): Moved Section below UART Signal Descriptions............................................... 81
• (Pin Connectivity Requirements): Added Pin Connectivity Requirements for AM261x.................................... 83
• (Specifications): Added in Electrostatic Discharge, Power-On Hours, Operating Performance Points, VPP
Specifications, Timing and Switching Characteristics, and Decoupling Capacitor Requirements sections......84
• (Recommended Operation Conditions): Update VDD, VDDAR1, VDDAR2, and VDDAR3 line items to reflect
required voltages dependent on R5F core frequency...................................................................................... 84
• (Electrical Characteristics): Added ADC, CMPSSA, DAC, PMU, and Safety Comparison sections................ 89
• (Thermal Resistance Characteristics): Added Thermal Resistance Characteristics for all four package
types................................................................................................................................................................. 97
• (Detailed Description - Overview): Changed shared TCM from "256KB" to "512KB".................................... 186
• (Hardware Reference Design and Guidelines): Added link to Hardware Design Guide and Custom PCB
System Getting Started Guide........................................................................................................................188
• (USB 2.0 Operation): Added section.............................................................................................................. 188
• (OSPI Reset): Added section for OSPI0_REST_OUT0................................................................................. 189
• (Standard Package Symbolization): Added Standard Package Symbolization section................................. 191
• (Device Naming Convention): Removed Special Features row .................................................................... 192
• (Device Naming Convention): Added 'L' and 'P' speed grades...................................................................... 192
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
195
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com