Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R1016 Datasheet(PDF) 33 Page - ABB

Part # EPP-R1016
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R1016 Datasheet(HTML) 33 Page - ABB

Back Button EPP-R1016 Datasheet HTML 29Page - ABB EPP-R1016 Datasheet HTML 30Page - ABB EPP-R1016 Datasheet HTML 31Page - ABB EPP-R1016 Datasheet HTML 32Page - ABB EPP-R1016 Datasheet HTML 33Page - ABB EPP-R1016 Datasheet HTML 34Page - ABB EPP-R1016 Datasheet HTML 35Page - ABB EPP-R1016 Datasheet HTML 36Page - ABB EPP-R1016 Datasheet HTML 37Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
34
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
RCBO DSE201 M - Type A
Order codes
Rated
residual
current IΔn [mA]
Rated
current
in A
Rated current in kA
Order codes
B Characteristic
C Characteristic
10
6
10kA/15kA
DSE201 M B6 A10
DSE201 M C6 A10
10
10kA/15kA
DSE201 M B10 A10
DSE201 M C10 A10
16
10kA/15kA
DSE201 M B16 A10
DSE201 M C16 A10
20
10kA/15kA
DSE201 M B20 A10
DSE201 M C20 A10
25
10kA/15kA
DSE201 M B25 A10
DSE201 M C25 A10
32
10kA/15kA
DSE201 M B32 A10
DSE201 M C32 A10
40
10kA/15kA
DSE201 M B40 A10
DSE201 M C40 A10
50
10kA
DSE201 M B50 A10
DSE201 M C50 A10
30
6
10kA/15kA
DSE201 M B6 A30
DSE201 M C6 A30
10
10kA/15kA
DSE201 M B10 A30
DSE201 M C10 A30
16
10kA/15kA
DSE201 M B16 A30
DSE201 M C16 A30
20
10kA/15kA
DSE201 M B20 A30
DSE201 M C20 A30
25
10kA/15kA
DSE201 M B25 A30
DSE201 M C25 A30
32
10kA/15kA
DSE201 M B32 A30
DSE201 M C32 A30
40
10kA/15kA
DSE201 M B40 A30
DSE201 M C40 A30
50
10kA
DSE201 M B50 A30
DSE201 M C50 A30
100
6
10kA/15kA
DSE201 M C6 A100
10
10kA/15kA
DSE201 M C10 A100
16
10kA/15kA
DSE201 M C16 A100
20
10kA/15kA
DSE201 M C20 A100
25
10kA/15kA
DSE201 M C25 A100
32
10kA/15kA
DSE201 M C32 A100
40
10kA/15kA
DSE201 M C40 A100
50
10kA
DSE201 M C50 A100
300
6
10kA/15kA
DSE201 M C6 A300
10
10kA/15kA
DSE201 M C10 A300
16
10kA/15kA
DSE201 M C16 A300
20
10kA/15kA
DSE201 M C20 A300
25
10kA/15kA
DSE201 M C25 A300
32
10kA/15kA
DSE201 M C32 A300
40
10kA/15kA
DSE201 M C40 A300
50
10kA
DSE201 M C50 A300
—
DSE201 M - Type A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com