Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R1016 Datasheet(PDF) 60 Page - ABB

Part # EPP-R1016
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R1016 Datasheet(HTML) 60 Page - ABB

Back Button EPP-R1016 Datasheet HTML 56Page - ABB EPP-R1016 Datasheet HTML 57Page - ABB EPP-R1016 Datasheet HTML 58Page - ABB EPP-R1016 Datasheet HTML 59Page - ABB EPP-R1016 Datasheet HTML 60Page - ABB EPP-R1016 Datasheet HTML 61Page - ABB EPP-R1016 Datasheet HTML 62Page - ABB EPP-R1016 Datasheet HTML 63Page - ABB EPP-R1016 Datasheet HTML 64Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
61
EQ M E T ER - A /B SER I E S - T EC H N I C A L FE AT U R E S
—
EQ Meter - B series
Technical features
—
Technical features
B21
B23
B24
Voltage/current inputs
Nominal voltage
230 V AC
3 x 230/400 V AC
Voltage range
220-240 V AC (-20% - +15%)
3 x 220-240 V AC (-20% - +15%)
Power dissipation voltage circuits
0.9 VA (0,4 W) total
1.6 VA (0.7 W) total
Power dissipation current circuits
0.014 VA (0.014 W) at 230 V AC and I
b
0.007 VA (0.007 W) per phase at 230 V AC and I
b
Base current Ib
5 A
-
Rated current In
-
1 A
Reference current Iref
5 A
-
Transitional current Itr
0.5 A
0.05 A
Maximum current Imax
65 A
6 A
Minimum current Imin
0.25 A
0.02 A
Starting current Ist
< 20 mA
< 1 mA
Terminal wire area
1 - 25 mm2
0.5 - 10 mm2
Recommended tightening torque
3 Nm
1.5 Nm
Communication
Terminal wire area
0.5 - 1 mm2
Recommended tightening torque
0.25 Nm
Transformer ratios
Configurable current ratio (CT)
-
1/9 - 9999/1
Pulse indicator (LED)
Pulse frequency
1000 imp/kWh
1000 imp/kWh
5000 imp/kWh
Pulse length
40 ms
40 ms
40 ms
General data
Frequency
50 or 60 Hz ± 5%
Accuracy Class
B (Cl. 1) and Reactive Cl. 2
B (Cl. 1) and Reactive Cl. 2
B (Cl. 1) or C (Cl. 0,5 S) and Reactive
Cl. 2
Active energy
1%
1%
0.5%, 1%
Display of energy
6 digit LCD
7 digit LCD
Environmental
Operating temperature
-40°C - +70°C
Storage temperature
-40°C - +85°C
Humidity
75% yearly average, 95% on 30 days/year
Resistance to fire and heat
Terminal 960 °C, cover 650°C (IEC 60695-2-1)
Resistance to water and dust
IP20 on terminal block without protective enclosure and IP51 in protective enclosure, according to IEC 60529.
Mechanical environment
Class M2 in accordance with the Measuring Instrument Directive (MID), (2004/22/EC).
Electromagnetic environment
Class E2 in accordance with the Measuring Instrument Directive (MID), (2004/22/EC).
Outputs
Current
2 - 100 mA
Voltage
5 - 240 V AC/DC. For meters with only 1 output 5 - 40 V DC.
Pulse output frequency
Programmable: 1 - 999999 imp/kWh
Pulse length
Programmable: 10 - 990 ms
Terminal wire area
0.5 - 1 mm2
Recommended tightening torque
0.25 Nm
Inputs
Voltage
0 - 240 V AC/DC
OFF
0 - 12 V AC/DC
ON
57 - 240 V AC/24 - 240 V DC
Min. pulse length
30 ms
Terminal wire area
0.5 - 1 mm2
Recommended tightening torque
0.25 Nm
EMC compatibility
Impulse voltage test
6 kV 1.2/50μs (IEC 60060-1)
Surge voltage test
4 kV 1.2/50μs (IEC 61000-4-5)
Fast transient burst test
4kV (IEC 61000-4-4)
Immunity to electromagnetic
HF-fields
80 MHz - 2 GHz (IEC 61000-4-6)
Immunity to conducted disturbance
150kHz - 80MHz (IEC 61000-4-6)
Immunity to disturbance with har-
monics
2kHz - 150kHz
Radio frequency emission
EN 55022, class B (CISPR22)
Electrostatic discharge
15 kV (IEC 61000-4-2)
Standards
IEC 62052-11, IEC 62053-21 class 1 & 2, IEC 62053-22 class 0,5 S, IEC 62053-23 class 2, IEC 62054-21, GB/T 17215.211-2006, GB/T
17215.312-2008 class 1 & 2, GB/T 17215.322-2008 class 0,5 S, GB 4208-2008, EN 50470-1, EN 50470-3 category A, B & C
Mechanical
Material
Polycarbonate in transparent front glass. Glass reinforced polycarbonate in bottom case and upper case. Polycarbonate in
terminal cover.
Dimensions
Width
35 mm
70 mm
Height
97 mm
97 mm
Depth
65 mm
65 mm
DIN modules
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com