Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R1016 Datasheet(PDF) 48 Page - ABB

Part # EPP-R1016
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R1016 Datasheet(HTML) 48 Page - ABB

Back Button EPP-R1016 Datasheet HTML 44Page - ABB EPP-R1016 Datasheet HTML 45Page - ABB EPP-R1016 Datasheet HTML 46Page - ABB EPP-R1016 Datasheet HTML 47Page - ABB EPP-R1016 Datasheet HTML 48Page - ABB EPP-R1016 Datasheet HTML 49Page - ABB EPP-R1016 Datasheet HTML 50Page - ABB EPP-R1016 Datasheet HTML 51Page - ABB EPP-R1016 Datasheet HTML 52Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
49
125/160/250A
Height
mm
Width
mm
Depth
mm
M1
mm
M2
mm
EPP-VSL 8+4
1,090
450
125
358
1,000
EPP-VSL 8+8
1,270
450
125
358
1,180
EPP-VSL 12+8
1,440
450
125
358
1,350
EPP-VSL 12+12*
1,580
450
125
358
1,490
EPP-VSL 16+8*
1,580
450
125
358
1,490
EPP-VSL 8+4+4*
1,380
450
125
358
1,290
EPP-VSL 12+4+4*
1,690
450
125
358
1,600
—
Vertical split-load boards
—
Protecta Plus
Dimensions
—
01 Vertical
split-load board
—
02 Metering layout
—
01
—
02
125A
160A
250A
Isolator
Meter & C.T
P R OTEC TA P LUS – D I M ENS I O NS
—
01 / 02 Horizontal split-load boards
* Please ensure RCBO lead lengths are considered.
—
03 Housemaster compact sheet steal consumer unit (surface mounted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com