Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R1016 Datasheet(PDF) 6 Page - ABB

Part # EPP-R1016
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R1016 Datasheet(HTML) 6 Page - ABB

Back Button EPP-R1016 Datasheet HTML 2Page - ABB EPP-R1016 Datasheet HTML 3Page - ABB EPP-R1016 Datasheet HTML 4Page - ABB EPP-R1016 Datasheet HTML 5Page - ABB EPP-R1016 Datasheet HTML 6Page - ABB EPP-R1016 Datasheet HTML 7Page - ABB EPP-R1016 Datasheet HTML 8Page - ABB EPP-R1016 Datasheet HTML 9Page - ABB EPP-R1016 Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
Board width
Protecta Plus has been designed with a width of 450 mm,
this combined with the reduced RCBO height of 115 mm
gives the installer ample cable room either side of the
board.
Incoming shroud
The shroud comes ready to accept a 125A 3P incoming
devices. The easy break technology and clear indication on
the rear allows the user to modify the shroud dependant
upon requirements up to 250A 4P.
One Solution
All Protecta Plus boards come as standard with 250A main
bars. This gives the user a full range from 125A 3P through
to 250A 4P incoming options.
100A Outgoing ways
The first two 3P outgoing ways are fitted with 3 mm branch
copper to allow for 100A MCBs to be fitted. This allows for a
maximum of
2 x 100A 3P or 6 x 100A 1P MCBs per board
removing the need to move up to high performance boards
or panel boards.
—
Protecta Plus
The details make the difference
6
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com