Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R1016 Datasheet(PDF) 70 Page - ABB

Part # EPP-R1016
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R1016 Datasheet(HTML) 70 Page - ABB

Back Button EPP-R1016 Datasheet HTML 66Page - ABB EPP-R1016 Datasheet HTML 67Page - ABB EPP-R1016 Datasheet HTML 68Page - ABB EPP-R1016 Datasheet HTML 69Page - ABB EPP-R1016 Datasheet HTML 70Page - ABB EPP-R1016 Datasheet HTML 71Page - ABB EPP-R1016 Datasheet HTML 72Page - ABB EPP-R1016 Datasheet HTML 73Page - ABB EPP-R1016 Datasheet HTML 74Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
71
T L I N E T W I L I G H T S W I TC H E S - T EC H N I C A L FE AT U R E S
—
T Line twilight switches
Technical features
—
T1 technical features
General data
T1
T1 PLUS
Rated supply voltage
[V]
110 ÷ 230 AC
Contact type
1NO
Switching capacity
resistive load cosj 1
[A]
16
inductive load cosj 0.6
[A]
3
incandescent lamps
cosj 1
max 3600 W
fluorescent lamps
cosj0.8
max 3600 W
fluorescent - duo./electronic lamps
cosj0.9
max 300 W
Rated frequency
[Hz]
50-60
Switching delay
ON
[s]
30 ±10%
15...120 ±10%
OFF
[s]
40 ±10%
15...120 ±10%
Brightness range
[lx]
2:200
2:40
20:200
200:2000
2000:15000
Protection degree
twilight switch
IP20
IP20
sensor
IP65
IP65
Operating temperature
twilight switch
[°C]
-25…+55
sensor
[°C]
-40...+70
Storage temperature
twilight switch
[°C]
-40...+70
sensor
[°C]
-50...+80
Power consumption
[VA]
4.5
Max. commutable power
[W]
3500
Max. terminal cross-section
[mm²]
2.5
Terminals
loss-proof screw
Tightening torque
terminals
[Nm]
0.5
sensor screw
[Nm]
0.4
Mounting
on DIN rail
Switching status indication/
brightness range
red Led / green Led
Max wiring length
[m]
100
Modules
1
Reference standards
EN 60669-1; EN 60669-2-1; EN 60730-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com