Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R1016 Datasheet(PDF) 53 Page - ABB

Part # EPP-R1016
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R1016 Datasheet(HTML) 53 Page - ABB

Back Button EPP-R1016 Datasheet HTML 49Page - ABB EPP-R1016 Datasheet HTML 50Page - ABB EPP-R1016 Datasheet HTML 51Page - ABB EPP-R1016 Datasheet HTML 52Page - ABB EPP-R1016 Datasheet HTML 53Page - ABB EPP-R1016 Datasheet HTML 54Page - ABB EPP-R1016 Datasheet HTML 55Page - ABB EPP-R1016 Datasheet HTML 56Page - ABB EPP-R1016 Datasheet HTML 57Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
54
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
MCB
S 200 Series technical features
General data
Specifications
S 200 M
S 200P
Standards
IEC/EN 60898-1,
IEC/EN 60947-2
IEC/EN 60898-1,
IEC/EN 60947-2
UL 1077, CSA 22.2
No. 235
UL 1077, CSA 22.2 No. 235
Poles
–
1P, 2P, 3P, 4P, 1P+N, 3P+N
Tripping characteristics
–
B, C, D, K, Z
B, C, D, K, Z
Rated current In
A
0.5...63A
–
Rated current f
Hz
50/60Hz
50/60Hz
Rated insulation voltage Ui acc.
to IEC/EN 60664-1
–
440V AC (phase to phase) 250 V AC (phase to ground),
500 V AC (phase to phase)
Overvoltage category
–
III
–
Pollution degree
–
3
2
Data acc. to
IEC/EN 60898-1
(except S200M UC
data acc. to
IEC/EN60898-2)
Rated operational voltage Un
V
1P: 230/400V AC; 1P+N:
230V AC ;
2... 4P: 400V AC; 3P+N: 400V
1P: 230V AC, 220V DC
2P: 400V AC, 440V DC
3...4P: 400V AC*
Max. power frequency recovery voltage (Umax)
V 1P: 253V AC; 1P+N: 253V AC;
2P: 440V AC; 3...4P: 440V
AC; 3P+N: 440V AC
1P: 230V AC, 220V DC
2P: 400V AC, 440V DC
3...4P: 400V AC*
Min. operating voltage
V
12V AC - 12V DC
–
Rated short-circuit capacity Icn
kA
10kA
≤ 25A: 25kA
> 25A: 15kA
Energy limiting class (B, C up to 40 A)
–
3
3
Rated impulse withstand voltage Uimp. (1.2/50μs)
kV
–
–
Dielectric test voltage
kV
2kV (50/60Hz, 1 min.)
2kV (50/60Hz, 1 min.)
Reference temperature for tripping characteristics
oC
B, C, D: 30°C
30°C
Electrical endurance
ops.
In < 32A: 20,000 ops (AC),
In ≥ 32A: 10,000 ops. (AC);
1,000 ops. (DC);
–
Data acc. to
IEC/EN 60947-2
Rated operational voltage Ue
V
1P: 230V AC;
1P+N: 230V AC;
2...4P: 400V AC;
3P+N: 400V AC
Max. power frequency recovery voltage (Umax)
V
1P: 253V AC;
1P+N: 253V AC;
2P...4P: 440V AC;
3P+N: 440V AC;
1P: 72V DC;
2P: 125V DC
Min. operating voltage
V
12V AC - 12V DC
12 V AC - 12V DC
Rated ultimate short-circuit breaking capacity Icu
kA
15kA
≤ 25A: 25kA
≥ 32A: 15kA
Rated service short-circuit breaking capacity Ics
kA
≤ 40A: 11.2kA
50, 63A: 7.5kA
≤ 25A: 12.5kA
≤ 32…40A: 11.2kA
50, 63A: 7.5kA
Rated impulse withstand voltage Uimp. (1.2/50μs)
kV
4kV (test voltage 6.2kV at
sea level, 5kV at 2,000m)
–
Dielectric test voltage
kV
2kV (50/60Hz, 1 min.)
–
Reference temperature for tripping characteristics
°C
B, C, D: 55°C; K, Z: 20°C
B, C: 55°C; K, Z: 20°C
Electrical endurance
ops.
In < 32A: 20,000 ops (AC),
In ≥ 32A: 10,000 ops. (AC);
1,000 ops. (DC);
(1 cycle 2s - ON, 13s - OFF, In ≤
32A),
(1 cyle 2s - ON, 28s - OFF, In >
32A)
In < 32A: 20,000 ops (AC), In ≥
32A: 10,000 ops. (AC); 1,000
ops. (DC);
(1 cycle 2s - ON,
13s - OFF, In ≤ 32A),
(1 cyle 2s - ON,
28s - OFF, In ≥ 32A)
Note: * Only acc. to IEC/EN 60898-1 r switching
—
Technical features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com