Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R1016 Datasheet(PDF) 12 Page - ABB

Part # EPP-R1016
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R1016 Datasheet(HTML) 12 Page - ABB

Back Button EPP-R1016 Datasheet HTML 8Page - ABB EPP-R1016 Datasheet HTML 9Page - ABB EPP-R1016 Datasheet HTML 10Page - ABB EPP-R1016 Datasheet HTML 11Page - ABB EPP-R1016 Datasheet HTML 12Page - ABB EPP-R1016 Datasheet HTML 13Page - ABB EPP-R1016 Datasheet HTML 14Page - ABB EPP-R1016 Datasheet HTML 15Page - ABB EPP-R1016 Datasheet HTML 16Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
12
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
Key modular components - DSE201 M
Compact design, enhanced protection
Space for insulated screwdrivers
Equipped with cage type
terminals (16 mm² load side),
with tightening torque of 1.2 Nm.
Easy to install
Fast installation is
supported by the two
flying leads for neutral
cable and functional
earth, each integrated in
the device, which can be
directly connected to
the main neutral and
earth bars.
Earth fault indicator
Blue window in the
front of the device to
detect any earth fault
trip: the cause of trip
of the device can be
identified in a short
time, reducing the
downtime for
maintenance.
Anti-counterfeiting
Equipped with an RFID
tag containing a unique
serial number assigned
by ABB in accordance to
ISO/IEC FCD 15693-3
standard in order to
authenticate the
product.
Real contact position
indicator below the toggle
Directly linked to the
moving contact of the
device, the green/red
window in the front of the
device can identify the
current position of the
contacts (open/closed)
independently on the
toggle position.
In control
A test button allows the
regular check of the
functionality of the
device: to be pushed
every six months.
Combination with
auxiliary elements
New platform suitable
for quick installation in
combination with the
standard auxiliary
elements that can be
mounted with RCDs
and MCBs.
Reduced height
Thanks to its reduced
height, only 115 mm,
DSE201 M makes for
easier wiring operation
inside the consumer unit
or the distribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com