Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R1016 Datasheet(PDF) 50 Page - ABB

Part # EPP-R1016
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R1016 Datasheet(HTML) 50 Page - ABB

Back Button EPP-R1016 Datasheet HTML 46Page - ABB EPP-R1016 Datasheet HTML 47Page - ABB EPP-R1016 Datasheet HTML 48Page - ABB EPP-R1016 Datasheet HTML 49Page - ABB EPP-R1016 Datasheet HTML 50Page - ABB EPP-R1016 Datasheet HTML 51Page - ABB EPP-R1016 Datasheet HTML 52Page - ABB EPP-R1016 Datasheet HTML 53Page - ABB EPP-R1016 Datasheet HTML 54Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 75 page
background image
ARTICLE OR CHAPTER TITLE
51
shortcircuit breaking capacity and rounded up to
the nearest whole number. It may be expressed as
a percentage of Icu (for example Ics = 25% Icu).
The sequence of operations shall be:
O – t – CO – t – CO
The following symbols are used for defining the
sequence of operatons:
O
represents an opening operation.
CO
represents a closing operation followed
by an automatic opening.
t
represents the time interval between
two short-circuit operations.
—
01 The rated insulation
voltage is not
necessarily equal to
the rated voltage of
the equipment which
is primarily related to
functional performance
Rated operational voltage (U
e)
The rated operational voltage of an equipment is
a value of voltage which, combined with a rated
operational current, determines the application
of the equipment and to which the relevant tests
and the utilization categories are referred.
For single-pole equipment it is generally stated
as the voltage across the pole. For multi pole
equipment it is generally stated as the voltage
between phases.
Equipment may be assigned a number of
combinations of rated operational voltage and
associated making and breaking capacities for
different duties and utilization categories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com