Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSCT-75 Datasheet(PDF) 23 Page - ABB

Part # PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-75 Datasheet(HTML) 23 Page - ABB

Back Button PSCT-75 Datasheet HTML 19Page - ABB PSCT-75 Datasheet HTML 20Page - ABB PSCT-75 Datasheet HTML 21Page - ABB PSCT-75 Datasheet HTML 22Page - ABB PSCT-75 Datasheet HTML 23Page - ABB PSCT-75 Datasheet HTML 24Page - ABB PSCT-75 Datasheet HTML 25Page - ABB PSCT-75 Datasheet HTML 26Page - ABB PSCT-75 Datasheet HTML 27Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ABB Spare parts | 1/19
1
Spare parts contactors
Classic products
0
1000
100
(V)
T (s)
0
1000
100
Surge suppressors for contactor coils
Description
The operation of inductive circuits causes overvoltages, in particular on opening of the contactor coil.
The electromagnetic energy stored in the coil during contactor closing is restored on opening in the form of
surges, the slope and amplitude of which may rise to several kilovolts. A number of drawbacks are observed
ranging from interference on the electronic devices to breakdown of insulators and even destruction of cer-
tain sensitive components.
The graph opposite reproduces the oscillogram showing voltage discharges at the terminals of a 42 V / 50 Hz
coil without peak clipping. The coil was switched by 8 series-connected poles of a contactor relay.
Following a burst of discharges with a very steep slope a damped oscillation emerges with a peak value of
3500 V.
Overvoltage Factor
The overvoltage factor k is defined as the ratio of the maximum overvoltage peak value Ûs to the peak value
Ûc of the coil rated control voltage Uc:
Ûs max.
Ûs max.
Ûs max.
k =
in DC: k =
or in AC: k =
Ûc
Uc
Uc√2
3500
For example the following is obtained for the above graph: k =
≈ 60
42 √2
To reduce the harmful effects of these overvoltages, ABB has developed a range of surge suppressors de-
signed to reduce the k factor defined above and to limit or even completely eliminate the high pre-damping
voltage frequencies.
Each case is different, but the technical data tolerances and the generous sizing of parts have enabled us to
reduce the number of variants.
We have chosen the following solutions: transil diodes, varistors and RC blocks.
Note: A varistor is a resistor whose value decreases to a very large extent when a certain voltage is applied
at its terminals.
Ordering details
For contactors
Rated control circuit
voltage
Uc
Type
Order code
Pkg
qty
Weight
(1 pce)
V
AC DC
kg
EH175 ... EH300, EK100 ... EK210
24...48
●
–
RC-EH300/48
SK829007-A
2
0.015
110...415
●
–
RC-EH300/416
SK829007-B
2
0.015
EHDB130 ... EHDB360
110...415
–
●
RC-EH300/415
SK829007-B
0.015
EH370 ... EH800, EK370 ... EK550
48...100
●
–
RC-EH800/110
SK829007-C
2
0.015
EHDB520 ... EHDB960
–
●
EH175 ... EH800, EK110 ... EK550
24...125
–
●
EH370 ... EH800, EK370 ... EK1000
220...600
●
–
RC-EH800/600
SK829007-D
2
0.015
EHDB520 ... EHDB960
–
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com