Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSCT-75 Datasheet(PDF) 27 Page - ABB

Part # PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-75 Datasheet(HTML) 27 Page - ABB

Back Button PSCT-75 Datasheet HTML 23Page - ABB PSCT-75 Datasheet HTML 24Page - ABB PSCT-75 Datasheet HTML 25Page - ABB PSCT-75 Datasheet HTML 26Page - ABB PSCT-75 Datasheet HTML 27Page - ABB PSCT-75 Datasheet HTML 28Page - ABB PSCT-75 Datasheet HTML 29Page - ABB PSCT-75 Datasheet HTML 30Page - ABB PSCT-75 Datasheet HTML 31Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
2
ABB Spare parts | 2/3
Spare parts R contactors
Main poles
Equipotential connections
Description
Equipotential connections must be ordered separately for ratings ≥ 800 A.
Ordering details
For R contactors type
Type
Order code
Pkg
qty
Weight
(1 pce)
IOR, NOR, JOR and FOR
kg
800 ... 5100
NO poles
FPTN410176R0006
0.500
800 ... 4000
NC poles
FPTN410176R0007
0.530
Arc chutes
Description
De-ion arc chutes replace basic arc chutes except for 315 and 420 A ratings.
Ordering details
For R contactors type
IOR, NOR, JOR and FOR
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
63, 85
De-ion arc chute
FPTN401938R0002
0.470
125, 170
De-ion arc chute
FPTN401939R0002
0.930
200, 260
De-ion arc chute
FPTN401940R0002
1.360
315, 400 (1), 420
Basic arc chute
FPTN401936R0002
1.300
400 (2), 500, 550
De-ion arc chute
FPTN401941R0002
3.600
800, 1000, 1250, 1500, 2000, 3150, 4000
De-ion arc chute
FPTN410067R0002
2.570
1400, 2500
De-ion arc chute
FPTN410067R0002
2.570
1700, 2100, 3200, 3800, 4500, 5100
De-ion arc chute
FPTN410507R0001
3.150
(1) For NOR and JOR types, N.C. poles
(2) For IOR, NOR, JOR types, N.O. poles
Pressure springs, insulated supports, complete poles
and other spare parts
Please contact your local sales organisation (order code for R contactor needed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com