Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSCT-75 Datasheet(PDF) 8 Page - ABB

Part # PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-75 Datasheet(HTML) 8 Page - ABB

Back Button PSCT-75 Datasheet HTML 4Page - ABB PSCT-75 Datasheet HTML 5Page - ABB PSCT-75 Datasheet HTML 6Page - ABB PSCT-75 Datasheet HTML 7Page - ABB PSCT-75 Datasheet HTML 8Page - ABB PSCT-75 Datasheet HTML 9Page - ABB PSCT-75 Datasheet HTML 10Page - ABB PSCT-75 Datasheet HTML 11Page - ABB PSCT-75 Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1/4 | ABB Spare parts
1
Contactor coils AC operated
Ordering details
For contactors
Rated control circuit
Type
Order code
Pkg
qty
Weight
(1 pce)
Votage
Uc
V 50 Hz
V 60 Hz
kg
Coils type ZA for A9 ... A300 AC operated contactors and N contactor relays
A9 ... A16, UA16, UA16..RA, N
24
24
ZA16
1SBN151410R8106
1
0.093
48
48
ZA16
1SBN151410R8306
1
0.093
105
110 ... 127
ZA16
1SBN151410R2606
1
0.093
110
110 … 120
ZA16
1SBN151410R8406
1
0.093
110 … 115
115 … 127
ZA16
1SBN151410R8906
1
0.093
175
208
ZA16
1SBN151410R3406
1
0.093
190
220
ZA16
1SBN151410R3606
1
0.093
200
200 ... 220
ZA16
1SBN151410R7506
1
0.093
220 … 230
230 … 240
ZA16
1SBN151410R8006
1
0.093
230 … 240
240 … 260
ZA16
1SBN151410R8806
1
0.093
380 … 400
400 … 415
ZA16
1SBN151410R8506
1
0.093
400 … 415
415 … 440
ZA16
1SBN151410R8606
1
0.093
A26 ... A40, UA26, UA30,
UA26..RA, UA30..RA
24
24
ZA40
1SBN152410R8106
1
0.148
48
48
ZA40
1SBN152410R8306
1
0.148
105
110 ... 127
ZA40
1SBN152410R2606
1
0.148
110
110 … 120
ZA40
1SBN152410R8406
1
0.148
110 … 115
115 … 127
ZA40
1SBN152410R8906
1
0.148
175
208
ZA40
1SBN152410R3406
1
0.148
190
220
ZA40
1SBN152410R3606
1
0.148
200
200 ... 220
ZA40
1SBN152410R7506
1
0.148
220 … 230
230 … 240
ZA40
1SBN152410R8006
1
0.148
230 … 240
240 … 260
ZA40
1SBN152410R8806
1
0.148
380 … 400
400 … 415
ZA40
1SBN152410R8506
1
0.148
400 … 415
415 … 440
ZA40
1SBN152410R8606
1
0.148
A45 ... A75, UA50 ... UA75,
UA50..RA ... UA75..RA, GA75
24
24
ZA75
1SBN153510R8106
1
0.166
48
48
ZA75
1SBN153510R8306
1
0.166
105
110 ... 127
ZA75
1SBN153510R2606
1
0.166
110
110 … 120
ZA75
1SBN153510R8406
1
0.166
110 … 115
115 … 127
ZA75
1SBN153510R8906
1
0.166
175
208
ZA75
1SBN153510R3406
1
0.166
190
220
ZA75
1SBN153510R3606
1
0.166
200
200 ... 220
ZA75
1SBN153510R7506
1
0.166
220 … 230
230 … 240
ZA75
1SBN153510R8006
1
0.166
230 … 240
240 … 260
ZA75
1SBN153510R8806
1
0.166
380 … 400
400 … 415
ZA75
1SBN153510R8506
1
0.166
400 … 415
415 … 440
ZA75
1SBN153510R8606
1
0.166
A95, A110
24
24
ZA110
1SFN154310R8106
1
0.170
UA95, UA110
48
48
ZA110
1SFN154310R8306
1
0.170
UA95..RA, UA110..RA
110
110 … 120
ZA110
1SFN154310R8406
1
0.170
220 … 230
230 … 240
ZA110
1SFN154310R8006
1
0.170
230 ... 240
240 … 260
ZA110
1SFN154310R8806
1
0.170
380 … 400
400 … 415
ZA110
1SFN154310R8506
1
0.170
400 … 415
415 … 440
ZA110
1SFN154310R8606
1
0.170
A145 … A185
24
24
ZA185
1SFN154710R8106
1
0.180
48
48
ZA185
1SFN154710R8306
1
0.180
110
110 … 120
ZA185
1SFN154710R8406
1
0.180
220 … 230
230 … 240
ZA185
1SFN154710R8006
1
0.180
230 ... 240
240 … 260
ZA185
1SFN154710R8806
1
0.180
380 … 400
400 … 415
ZA185
1SFN154710R8506
1
0.180
400 … 415
415 … 440
ZA185
1SFN154710R8606
1
0.180
A210 … A300
24
24
ZA300
1SFN155110R8106
1
0.400
48
48
ZA300
1SFN155110R8306
1
0.400
110
110 … 120
ZA300
1SFN155110R8406
1
0.400
220 … 230
230 … 240
ZA300
1SFN155110R8006
1
0.400
230 ... 240
240 … 260
ZA300
1SFN155110R8806
1
0.400
380 … 400
400 … 415
ZA300
1SFN155110R8506
1
0.400
400 … 415
415 … 440
ZA300
1SFN155110R8606
1
0.400
ZA185
Spare parts contactors
Active products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com