Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSCT-75 Datasheet(PDF) 36 Page - ABB

Part # PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-75 Datasheet(HTML) 36 Page - ABB

Back Button PSCT-75 Datasheet HTML 32Page - ABB PSCT-75 Datasheet HTML 33Page - ABB PSCT-75 Datasheet HTML 34Page - ABB PSCT-75 Datasheet HTML 35Page - ABB PSCT-75 Datasheet HTML 36Page - ABB PSCT-75 Datasheet HTML 37Page - ABB PSCT-75 Datasheet HTML 38Page - ABB PSCT-75 Datasheet HTML 39Page - ABB PSCT-75 Datasheet HTML 40Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
3
3/6 | ABB Spare parts
Spare parts softstarters
SCR 1), PST and PSTX
Ordering details
For softstarter type
Main
Voltage
Pcs/
unit
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PST30
<= 600 V
3
PSTM-42/16
1SFA899010R1042
1
0.100
PST37
<= 600 V
3
PSTM-57/16
1SFA899010R1057
1
0.100
PST44
<= 600 V
3
PSTM-92/16
1SFA899010R1092
1
0.100
PST50
<= 600 V
3
PSTM-92/16
1SFA899010R1092
1
0.100
PST60
<= 600 V
3
PSTM-132/16
1SFA899010R1132
1
0.250
PST72
<= 600 V
3
PSTM-172/16
1SFA899010R1172
1
0.250
PST85
<= 600 V
3
PSTM-172/16
1SFA899010R1172
1
0.250
PST105
<= 600 V
3
PSTM-210/16
1SFA899010R1210
1
0.940
PST142
<= 600 V
3
PSTM-250/16
1SFA899010R1250
1
0.940
PST175
<= 600 V
3
PSTM-250/16
1SFA899010R1250
1
0.940
PST210
<= 600 V
3
PSTM-330/16
1SFA899010R1330
1
0.750
PST250
<= 600 V
3
PSTM-500/16
1SFA899010R1500
1
1.420
PST300
<= 600 V
3
PSTM-500/16
1SFA899010R1500
1
1.420
PSTX30
<= 600 V
3
PSTHM-44/16
1SFA899210R1044
1
0.250
PSTX37
<= 600 V
3
PSTHM-56/16
1SFA899210R1056
1
0.250
PSTX45, 60
<= 600 V
3
PSTHM-95/16
1SFA899210R1095
1
0.250
PSTX72, 85
<= 600 V
3
PSTHM-132/16
1SFA899210R1132
1
0.330
PSTX105
<= 600 V
3
PSTHM-162/16
1SFA899210R1162
1
0.330
PSTX142
<= 600 V
3
PSTHM-200/16
1SFA899210R1200
1
0.330
PSTX170, 210
<= 600 V
3
PSTHM-312/16
1SFA899210R1312
1
0.840
PSTX250, 300, 370
<= 600 V
3
PSTHM-501/16
1SFA899210R1501
1
1.500
PST30
<= 690 V
3
PSTM-42/18
1SFA899011R1042
1
0.100
PST37
<= 690 V
3
PSTM-57/18
1SFA899011R1057
1
0.100
PST44
<= 690 V
3
PSTM-92/18
1SFA899011R1092
1
0.100
PST50
<= 690 V
3
PSTM-92/18
1SFA899011R1092
1
0.100
PST60
<= 690 V
3
PSTM-132/18
1SFA899011R1132
1
0.250
PST72
<= 690 V
3
PSTM-172/18
1SFA899011R1172
1
0.250
PST85
<= 690 V
3
PSTM-172/18
1SFA899011R1172
1
0.250
PST105
<= 690 V
3
PSTM-210/18
1SFA899011R1210
1
0.940
PST142
<= 690 V
3
PSTM-250/18
1SFA899011R1250
1
0.940
PST175
<= 690 V
3
PSTM-250/18
1SFA899011R1250
1
0.940
PST210
<= 690 V
3
PSTM-330/18
1SFA899011R1330
1
0.750
PST250
<= 690 V
3
PSTM-500/18
1SFA899011R1500
1
1.420
PST300
<= 690 V
3
PSTM-500/18
1SFA899011R1500
1
1.420
PSTX30
<= 690 V
3
PSTHM-44/18
1SFA899311R1044
1
0.250
PSTX37
<= 690 V
3
PSTHM-56/18
1SFA899311R1056
1
0.250
PSTX45, 60
<= 690 V
3
PSTHM-95/18
1SFA899311R1095
1
0.250
PSTX72, 85
<= 690 V
3
PSTHM-132/18
1SFA899311R1132
1
0.330
PSTX105
<= 690 V
3
PSTHM-162/18
1SFA899311R1162
1
0.330
PSTX142
<= 690 V
3
PSTHM-200/18
1SFA899311R1200
1
0.330
PSTX170, 210
<= 690 V
3
PSTHM-312/18
1SFA899311R1312
1
0.840
PSTX250, 300, 370
<= 690 V
3
PSTHM-501/18
1SFA899311R1501
1
1.500
1) SCR: Silicon Controlled Rectifier.
PSTM
PSTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com