Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSCT-75 Datasheet(PDF) 42 Page - ABB

Part # PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-75 Datasheet(HTML) 42 Page - ABB

Back Button PSCT-75 Datasheet HTML 36Page - ABB PSCT-75 Datasheet HTML 37Page - ABB PSCT-75 Datasheet HTML 38Page - ABB PSCT-75 Datasheet HTML 39Page - ABB PSCT-75 Datasheet HTML 40Page - ABB PSCT-75 Datasheet HTML 41Page - ABB PSCT-75 Datasheet HTML 42Page - ABB PSCT-75 Datasheet HTML 43Page - ABB PSCT-75 Datasheet HTML 44Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
4
4/2 | ABB Spare parts
Spare parts arc guard
Arc monitor - Detectors
Arc monitor
Ordering details
For power supply voltage
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
60...220 V, DC or 60...240 V, 50/60 Hz
1SFA663001R1001
1.680
24...48 V, DC
1SFA663001R1002
1.680
Arc monitor - simplified version
Ordering details
For power supply voltage
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
60...220 V, DC or 60...240 V, 50/60 Hz
1SFA663001R1003
24...48 V, DC
1SFA663001R1004
Detectors with optical cable of plastic fibre
Ordering details
Cable length
Order code
Pkg
Weight
qty
(1 pce)
kg
1 m
1SFA663003R1010
0.020
2 m
1SFA663003R1020
0.020
4 m
1SFA663003R1040
0.040
6 m
1SFA663003R1060
0.060
8 m
1SFA663003R1080
0.080
10 m
1SFA663003R1100
0.100
15 m
1SFA663003R1150
0.150
20 m
1SFA663003R1200
0.200
25 m
1SFA663003R1250
0.200
30 m
1SFA663003R1300
0.300
other lengths on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com