Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSCT-75 Datasheet(PDF) 37 Page - ABB

Part # PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-75 Datasheet(HTML) 37 Page - ABB

Back Button PSCT-75 Datasheet HTML 33Page - ABB PSCT-75 Datasheet HTML 34Page - ABB PSCT-75 Datasheet HTML 35Page - ABB PSCT-75 Datasheet HTML 36Page - ABB PSCT-75 Datasheet HTML 37Page - ABB PSCT-75 Datasheet HTML 38Page - ABB PSCT-75 Datasheet HTML 39Page - ABB PSCT-75 Datasheet HTML 40Page - ABB PSCT-75 Datasheet HTML 41Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
3
ABB Spare parts | 3/7
Spare parts softstarters
SCR 1), PSTB
Ordering details
For softstarter type
Main
Voltage
Pcs/
unit
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSTB370
<= 600 V
6
PSTP-280/16
1SFA899008R1280
1
0.090
PSTB470
<= 600 V
6
PSTP-960/18
1SFA899008R1960
1
0.340
PSTB570 2)
<= 600 V
6
PSTP-540/16
1SFA899008R1540
1
0.510
PSTB720
<= 600 V
6
PSTP-540/16
1SFA899008R1540
1
0.510
PSTB840
<= 600 V
6
PSTP-600/16
1SFA899008R1600
1
0.510
PSTB1050
<= 600 V
6
PSTP-990/16
1SFA899008R1990
1
1.000
PSTB370
<= 690 V
6
PSTP-280/18
1SFA899009R1280
1
0.090
PSTB470
<= 690 V
6
PSTP-960/18
1SFA899008R1960
1
0.340
PSTB570 3)
<= 690 V
6
PSTP-540/18
1SFA899009R1540
1
0.510
PSTB720
<= 690 V
6
PSTP-540/18
1SFA899009R1540
1
0.510
PSTB840
<= 690 V
6
PSTP-760/18
1SFA899009R1760
1
1.000
PSTB1050
<= 690 V
6
PSTP-1400/18
1SFA899009R2400
1
1.700
2) Shall be used for PSTB570-600 manufactured after Serial number: 1S160100115411189.
3) Shall be used for PSTB570-690 manufactured after Serial number: 1S160100115211256.
SCR 1) clamp upgrade kit
Ordering details
For softstarter type
Main
Voltage
Pcs/
unit
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSTB570 2)
600 V
6
PSTPK-540/16
1SFA899108R1540
6
3.353
PSTB570 3)
690 V
6
PSTPK-540/18
1SFA899109R1540
6
3.341
2) Shall be used for PSTB570-600 manufactured before Serial number: 1S160100115411189.
3) Shall be used for PSTB570-690 manufactured before Serial number: 1S160100115211256.
Kit for changing SCR 1)
Description
Heat transfer compound
Ordering details
For softstarter type
Remark
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSE18…370
Sufficient for
replacing 10
thyristor blocks
PSPB-1
1SFA899012R1001
0.050
PSS18…300
Sufficient for
replacing 10
thyristor blocks
PSPB-1
1SFA899012R1001
0.05
PST30…300
Sufficient for
replacing 10
thyristor blocks
PSPB-1
1SFA899012R1001
0.050
PSTB370…1050
Sufficient for
replacing 20
thyristor disc
PSPB-2
1SFA899012R1002
0.050
1) SCR: Silicon Controlled Rectifier.
PSTP
PSTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com