Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSCT-75 Datasheet(PDF) 32 Page - ABB

Part # PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-75 Datasheet(HTML) 32 Page - ABB

Back Button PSCT-75 Datasheet HTML 28Page - ABB PSCT-75 Datasheet HTML 29Page - ABB PSCT-75 Datasheet HTML 30Page - ABB PSCT-75 Datasheet HTML 31Page - ABB PSCT-75 Datasheet HTML 32Page - ABB PSCT-75 Datasheet HTML 33Page - ABB PSCT-75 Datasheet HTML 34Page - ABB PSCT-75 Datasheet HTML 35Page - ABB PSCT-75 Datasheet HTML 36Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
3
3/2 | ABB Spare parts
Spare parts softstarters
HMI-module
Ordering details
For softstarter type
Pcs/
unit
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSE18 ... PSE105
1
PSEHMI-1
1SFA899219R7001
1
0.560
PSE142 ... PSE170
1
PSEHMI-2
1SFA899219R7002
1
0.560
PSE210 ... PSE370
1
PSEHMI-3
1SFA899219R7003
1
0.560
PST30... PST300
1
PSHMI-1
1SFA899019R7001
1
1.000
PSTB370 ... PSTB1050
1
PSHMI-2
1SFA899019R7002
1
1.000
PST30-T ... PST300-T
1
PSHMI-1-T
1SFA899019R7021
1
1.000
PSTB370-T ... PSTB1050-T
1
PSHMI-2-T
1SFA899019R7022
1
1.000
PSTX30 … PSTX1250
1
PSDKP-1
1SFA899319R1001
1
0.325
HMI spare kit
Ordering details
For softstarter type
Pcs/
unit
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSTX30…PSTX1250
1
PSACC-1
1SFA899320R1001
1
0.136
Printed circuit board
Ordering details
For softstarter type
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSS18 ... PSS300 1)
Main PCB230 ... 500 V PSPCB-500/S
1SFA899020R1500
1
0.370
PSS18...PSS300-C 2)
Main PCB230 ... 500 V PSPCB-500C/S
1SFA899020R2500
1
0.370
PSS18 ... PSS300 1)
Main PCB380 ... 690 V PSPCB-690/S
1SFA899020R1690
1
0.470
PSS18...PSS300-C 2)
Main PCB380 ... 690 V PSPCB-690C/S
1SFA899020R2690
1
0.470
PST30 ... PST300
LV board
PSPCB-LV/T
1SFA899020R7000
1
0.360
PSTB370 ... PSTB1050
PST30-T ... PST300-T
LV board
PSPCB-LV/T-T
1SFA899020R7020
1
0.360
PSTB370-T ... PSTB1050-T
PST30 ... PST300
HV board
PSPCB-690/T
1SFA899020R7690
1
0.190
PSTB370 ... PSTB1050
PST30-T ... PST300-T
HV board
PSPCB-690/T-T
1SFA899020R7691
1
0.190
PSTB370-T ... PSTB1050-T
PSTX30…PSTX170
Control board 1
PSPCB-CB-1
1SFA899301R1007
1
0.650
PSTX210…PSTX370
Control board 2
PSPCB-CB-2
1SFA899301R1008
1
0.660
PSTX470…PSTX1250
Control board 3
PSPCB-CB-3
1SFA899301R1009
1
0.670
1) Printed circuit board with fault signal contact normally open (N.O.)
2) Printed circuit board with fault signal contact normally closed (N.C.)
Cooling fan
Ordering details
For softstarter type
Main
Voltage
Pcs/
unit
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSE18 ... PSE105
2
PSFA-40
1SFA899215R1040
1
0.025
PSE142 ... PSE170
2
PSFA-60
1SFA899215R1060
1
0.055
PSE210 ... PSE370
2
PSFA-80
1SFA899215R1080
1
0.070
PSS18 ... PSS44
500 V
1
PSFA-12
1SFA899015R1012
1
0.020
PSS50 ... PSS72
500 V
2
PSFA-12
1SFA899015R1012
1
0.020
PSS18 ... PSS44
690 V
2
PSFA-12
1SFA899015R1012
1
0.020
PSS85 ... PSS142
500/690 V
2
PSFA-115
1SFA899015R1115
1
0.250
PSS175 ... PSS300
500/690 V
4
PSFA-115
1SFA899015R1115
1
0.250
PST30 ... PST72
500/690 V
2
PSFA-024
1SFA899015R7024
1
0.020
PST85 ... PST142
500/690 V
2
PSFA-224
1SFA899015R7224
1
0.020
PST175 ... PST300
500/690 V
4
PSFA-224
1SFA899015R7224
1
0.020
PSTB370... PSTB1050
500/690 V
3
PSFA-224
1SFA899015R7224
1
0.020
PSFA
PSPCB-CB
PSPCB-HV
PSPCB-LV
PSHMI-1,2
PSEHMI-1, 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com