Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSCT-75 Datasheet(PDF) 35 Page - ABB

Part # PSCT-75
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-75 Datasheet(HTML) 35 Page - ABB

Back Button PSCT-75 Datasheet HTML 31Page - ABB PSCT-75 Datasheet HTML 32Page - ABB PSCT-75 Datasheet HTML 33Page - ABB PSCT-75 Datasheet HTML 34Page - ABB PSCT-75 Datasheet HTML 35Page - ABB PSCT-75 Datasheet HTML 36Page - ABB PSCT-75 Datasheet HTML 37Page - ABB PSCT-75 Datasheet HTML 38Page - ABB PSCT-75 Datasheet HTML 39Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
3
ABB Spare parts | 3/5
Spare parts softstarters
SCR 1), PSE
Ordering details
For softstarter type
Pcs/
unit
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSE18
2
PSTHM-26/16
1SFA899210R1026
1
0.090
PSE25
2
PSTHM-26/16
1SFA899210R1026
1
0.090
PSE30
2
PSTHM-44/16
1SFA899210R1044
1
0.090
PSE37
2
PSTHM-44/16
1SFA899210R1044
1
0.090
PSE45
2
PSTHM-56/16
1SFA899210R1056
1
0.090
PSE60
2
PSTHM-95/16
1SFA899210R1095
1
0.090
PSE72
2
PSTHM-95/16
1SFA899210R1095
1
0.090
PSE85
2
PSTHM-132/16
1SFA899210R1132
1
0.125
PSE105
2
PSTHM-162/16
1SFA899210R1162
1
0.125
PSE142
2
PSTHM-162/16
1SFA899210R1162
1
0.125
PSE170
2
PSTHM-200/16
1SFA899210R1200
1
0.125
PSE210
2
PSTHM-312/16
1SFA899210R1312
1
0.750
PSE250
2
PSTHM-501/16
1SFA899210R1501
1
1.500
PSE300
2
PSTHM-501/16
1SFA899210R1501
1
1.500
PSE370
2
PSTHM-501/16
1SFA899210R1501
1
1.500
SCR 1), PSS
Ordering details
For softstarter type
Main
Voltage
Pcs/
unit
Type
Order code
Pkg
qty
Weight
(1 pce)
kg
PSS18
<= 600 V
3
PSTM-27/16
1SFA899010R1027
1
0.100
PSS30
<= 600 V
3
PSTM-42/16
1SFA899010R1042
1
0.100
PSS37
<= 600 V
3
PSTM-57/16
1SFA899010R1057
1
0.100
PSS44
<= 600 V
3
PSTM-92/16
1SFA899010R1092
1
0.100
PSS50
<= 600 V
3
PSTM-92/16
1SFA899010R1092
1
0.100
PSS60
<= 600 V
3
PSTM-132/16
1SFA899010R1132
1
0.250
PSS72
<= 600 V
3
PSTM-172/16
1SFA899010R1172
1
0.250
PSS85
<= 600 V
3
PSTM-172/16
1SFA899010R1172
1
0.250
PSS105
<= 600 V
3
PSTM-210/16
1SFA899010R1210
1
0.940
PSS142
<= 600 V
3
PSTM-250/16
1SFA899010R1250
1
0.940
PSS175
<= 600 V
3
PSTM-250/16
1SFA899010R1250
1
0.940
PSS250
<= 600 V
3
PSTM-500/16
1SFA899010R1500
1
1.420
PSS300
<= 600 V
3
PSTM-500/16
1SFA899010R1500
1
1.420
PSS18
<= 690 V
3
PSTM-27/18
1SFA899011R1027
1
0.100
PSS30
<= 690 V
3
PSTM-42/18
1SFA899011R1042
1
0.100
PSS37
<= 690 V
3
PSTM-57/18
1SFA899011R1057
1
0.100
PSS44
<= 690 V
3
PSTM-92/18
1SFA899011R1092
1
0.100
PSS50
<= 690 V
3
PSTM-92/18
1SFA899011R1092
1
0.100
PSS60
<= 690 V
3
PSTM-132/18
1SFA899011R1132
1
0.250
PSS72
<= 690 V
3
PSTM-172/18
1SFA899011R1172
1
0.250
PSS85
<= 690 V
3
PSTM-172/18
1SFA899011R1172
1
0.250
PSS105
<= 690 V
3
PSTM-210/18
1SFA899011R1210
1
0.940
PSS142
<= 690 V
3
PSTM-250/18
1SFA899011R1250
1
0.940
PSS175
<= 690 V
3
PSTM-250/18
1SFA899011R1250
1
0.940
PSS250
<= 690 V
3
PSTM-500/18
1SFA899011R1500
1
1.420
PSS300
<= 690 V
3
PSTM-500/18
1SFA899011R1500
1
1.420
1) SCR: Silicon Controlled Rectifier.
PSTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com