Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8389 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # FN8389
Description  Precision Digital Power Monitor with Margining
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8389 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button FN8389 Datasheet HTML 32Page - Renesas Technology Corp FN8389 Datasheet HTML 33Page - Renesas Technology Corp FN8389 Datasheet HTML 34Page - Renesas Technology Corp FN8389 Datasheet HTML 35Page - Renesas Technology Corp FN8389 Datasheet HTML 36Page - Renesas Technology Corp FN8389 Datasheet HTML 37Page - Renesas Technology Corp FN8389 Datasheet HTML 38Page - Renesas Technology Corp FN8389 Datasheet HTML 39Page - Renesas Technology Corp FN8389 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
ISL28023
FN8389 Rev.6.03
Page 36 of 55
Oct 27, 2022
0XE0 READ VSHUNT OUT AUX (R)
The Read VSHUNT Out Aux register is a readable word register
that stores the signed measured digital value of the auxiliary
VSHUNT input. Use Equation 2 to calculate the integer value of the
register, Equation 13 calculates the floating point measured
value for the auxiliary VSHUNT channel.
Vshunt_auxLSB is the numerical weight of each level for the
auxiliary VSHUNT channel. The Vshunt_auxLSB equals 2.5µV.
0XE1 READ VOUT AUX (R)
The Read VOUT Aux register is a readable word register that
stores the unsigned measured digital value of the auxiliary VBUS
input of the DPM. Using Equation 1 to calculate the integer value
of the register, Equation 14 calculates the floating point
measured value for the auxiliary VBUS channel.
VBUSLSB is the numerical weight of each level for the auxiliary
VBUS channel. The auxiliary VBUSLSB equals 100µV. The voltage
range for the auxiliary VBUS is 0 to VCC.
0X8D READ TEMPERATURE (R)
The read temperature register is a readable word register that
reports out the internal or external temperature of the chip. The
register is a 16-bit signed register. Bit15 of the register is the
signed bit. The register value can be calculated using
Equation 15.
n is the bit position within the register value. Bit_Val is the value
of the bit either 1 or 0. The register value multiplied by 0.016
yields the internal temperature reading in Centigrade (°C).
Threshold Detectors
The DPM has three integrated comparators that allow for real
time fault detection of overvoltage, undervoltage for the primary
VBUS input and an overcurrent detection for the primary VSHUNT
input. An over-temperature detection is available by multiplexing
the input to the overvoltage comparator.
0XDA VOUT OV THRESHOLD SET (R/W)
The VOUT OV Threshold Set register is a read/writable word
register that controls the threshold voltage level to the
overvoltage comparator. The description of the functionality
within this register is found in Table 22.
The compared reference voltage level to the OV comparator is
generated from a 6-bit DAC. The 6-bit DAC has 4 or 6 voltage
ranges to improve detection voltage resolution for a specific
voltage range.
OV_OT_SEL D[9]
The OV_OT_SEL bit configures the multiplexer to the input of the
OV comparator to either compare for over-temperature or
overvoltage. Setting the OV_OT_SEL to a 1 configures the OV
comparator to detect for an over-temperature condition.
VBUS_THRES_RNG D[8:6]
The Vbus_Thres_Rng bits sets the threshold voltage range for the
overvoltage and undervoltage DACs. There are 6 selectable
ranges for the 60V version of the DPM. Only 4 selectable ranges
for the 12V version of the DPM. Table 23 defines the range
settings for the VBUS threshold detector. The yellow shaded row
denotes the default setting.
(EQ. 13)
Vshunt_aux
Register value vshunt_aux LSB
(EQ. 14)
Vbus
Register value vbus LSB
(EQ. 15)
Register Value
0
14
n
Bit_Val
n
2
n
Bit_Val
15
2
15
FIGURE 100. SIMPLIFIED BLOCK DIAGRAM OF THE THRESHOLD
FUNCTIONS WITHIN THE DPM
TABLE 22. 0xDA VOUT OV THRESHOLD SET REGISTER DEFINITION
BIT NUMBER D[15:10]
D[9]
D[8:6]
D[5:0]
Bit Name
N/A
OV_OT SEL Vbus_Thres_Ryng Vbus_OV_OT_Set
Default Value 0000 00
0
0 00
11 1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com