Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8389 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # FN8389
Description  Precision Digital Power Monitor with Margining
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8389 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button FN8389 Datasheet HTML 9Page - Renesas Technology Corp FN8389 Datasheet HTML 10Page - Renesas Technology Corp FN8389 Datasheet HTML 11Page - Renesas Technology Corp FN8389 Datasheet HTML 12Page - Renesas Technology Corp FN8389 Datasheet HTML 13Page - Renesas Technology Corp FN8389 Datasheet HTML 14Page - Renesas Technology Corp FN8389 Datasheet HTML 15Page - Renesas Technology Corp FN8389 Datasheet HTML 16Page - Renesas Technology Corp FN8389 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
ISL28023
FN8389 Rev.6.03
Page 13 of 55
Oct 27, 2022
FIGURE 9. PRIMARY VSHUNT CMRR vs CMV
FIGURE 10. PRIMARY VSHUNT AC CMRR vs FREQUENCY
FIGURE 11. PRIMARY VSHUNT COMMON-MODE RANGE
FIGURE 12. SMBALERT CURRENT DRIVES
FIGURE 13. PRIMARY VSHUNT ADC GAIN ERROR
FIGURE 14. PRIMARY VSHUNT ADC GAIN ERROR TC
Typical Performance Curves T
A = +25°C, VCC = 3.3V, VINP = VBUS = 12V, AUXP = AUXV = 3V,
VSHUNT = VAUXSHUNT = 80mV, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128; unless otherwise specified. (Continued)
-20
-15
-10
-5
0
5
10
15
20
0
8
16
24
32
40
48
56
64
CMV (V)
90
95
100
105
110
115
120
125
130
10
100
1k
10k
100k
FREQUENCY (Hz)
TIME = 0.128ms
TIME = 2.048ms
TIME = 1.024ms
TIME = 0.512ms
TIME = 0.256ms
TIME = 0.64ms
35
45
55
65
75
85
95
-80
-70
-60
-50
-40
-30
-20
-10
0
CMV (mV)
VINPUT = 80MVP-P SINE WAVE
TO CMV = 60V
FREQUENCY = 100Hz
ADC TIMING = 64µs
0
20
40
60
80
100
120
140
160
180
0.01
0.1
1
10
CURRENT LOAD (mA)
SMBALERT1
SINK
SMBALERT2
SOURCE
SMBALERT2
SINK
0
1
2
3
4
5
6
7
8
GAIN ERROR (%)
0
1
2
3
4
5
6
VSHUNT GAIN ERROR TC (ppm/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com