Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8389 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # FN8389
Description  Precision Digital Power Monitor with Margining
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8389 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button FN8389 Datasheet HTML 36Page - Renesas Technology Corp FN8389 Datasheet HTML 37Page - Renesas Technology Corp FN8389 Datasheet HTML 38Page - Renesas Technology Corp FN8389 Datasheet HTML 39Page - Renesas Technology Corp FN8389 Datasheet HTML 40Page - Renesas Technology Corp FN8389 Datasheet HTML 41Page - Renesas Technology Corp FN8389 Datasheet HTML 42Page - Renesas Technology Corp FN8389 Datasheet HTML 43Page - Renesas Technology Corp FN8389 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
ISL28023
FN8389 Rev.6.03
Page 40 of 55
Oct 27, 2022
of the control bits within the Force Feedthrough Alert register is
defined in Table 35.
A2POL D[3], A2POL D[2]
The AxPOL bits control the polarity of an interrupt. A2POL bit
defines the SMBALERT2 pin active interrupt state. A1POL bit
defines the SMBALERT1 pin active interrupt state. Table 36
defines the functionality of the bit.
FORCEA2 D[1], FORCEA1 D[0]
The FORCEAx bits allow the user to force an interrupt by setting
the bit. FORCEA2 bit controls the SMBALERT2 pin state.
FORCEA1 bit controls the SMBALERT1 pin state. Table 37 defines
the functionality of the bit.
0X03 CLEAR FAULTS (S)
The Clear Faults register is a send byte command that clears all
faults pertaining to the status registers. Upon execution of the
command, the status registers return to the default state defined
in Table 2 on page 28.
0X7A STATUS VOUT (R/W)
The Status VOUT register is a read/writable byte register that
reports over and undervoltage warnings for the VBUS input.
VOUT OV WARNING D[6]
The VOUT OV Warning bit is set to 1 when an overvoltage fault
occurs on the VBUS input. The VBUS overvoltage threshold is set
from the VOUT OV Threshold Set register. In the event of a VBUS
overvoltage condition, the VOUT OV Warning is latched to 1.
Writing a 1 to the VOUT OV Warning bit will clear the warning
resulting in a bit value equal to 0.
VOUT UV WARNING D[5]
The VOUT UV Warning bit is set to 1 when an undervoltage fault
occurs on the VBUS input. The VBUS undervoltage threshold is set
from the VOUT UV Threshold Set register. In the event of a VBUS
undervoltage condition, the VOUT UV Warning is latched to 1.
Writing a 1 to the VOUT UV Warning bit will clear the warning
resulting in a bit value equal to 0.
0X7B STATUS IOUT (R/W)
The Status IOUT register is a read/writable byte register that
reports an overcurrent warning for the VSHUNT input.
IOUT OC WARNING D[5]
The IOUT OC Warning bit is set to 1 when an overcurrent fault
occurs on the VSHUNT input. The VSHUNT overcurrent threshold is
set from the IOUT OC Threshold Set register. In the event of a
VSHUNT overcurrent condition, the IOUT OC Warning is latched
to 1. Writing a 1 to the IOUT OC Warning bit will clear the warning
resulting in a bit value equal to 0.
0X7D STATUS TEMPERATURE (R/W)
The Status Temperature register is a read/writable byte register
that reports an over-temperature warning initiated from the
internal temperature sensor.
OT WARNING D[6]
The OT Warning bit is set to 1 when an over-temperature fault
occurs from the internal temperature sensor. The
over-temperature threshold is set from the VOUT OV Threshold
Set register. In the event of an over-temperature condition, the OT
Warning bit is latched to 1. Writing a 1 to the OT Warning bit will
clear the warning resulting in a bit value equal to 0.
0X7E STATUS CML (R/W)
The Status CML register is a read/writable byte register that
reports warnings and errors associated with communications,
logic and memory.
TABLE 35. 0xDE FORCE FEEDTHROUGH ALERT REGISTER DEFINITION
BIT
NUMBER
D[7:4]
D[3]
D[2]
D[1]
D[0]
Bit Name
N/A
A2POL
A1POL
FORCE A2 FORCE A1
Default
Value
0000
0
0
0
0
TABLE 36. AxPol BIT DEFINED
A2POL D[3], A1POL D[2]
INTERRUPT
ACTIVE STATE
0
Low
1High
TABLE 37. FORCEAx BIT DEFINED
FORCEA2 D[1], FORCEA1 D[0]
INTERRUPT STATUS
0
Normal
1
Interrupt Forced
TABLE 38. 0x7A STATUS VOUT REGISTER DEFINITION
BIT NUMBER
D[7]
D[6]
D[5]
D[4:0]
Bit Name
N/A
VOUT OV
Warning
VOUT UV
Warning
N/A
Default
Value
0
0
0
0 0000
TABLE 39. 0x7B STATUS IOUT REGISTER DEFINITION
BIT NUMBER
D[7]
D[6]
D[5]
D[4:0]
Bit Name
N/A
N/A
IOUT OC
Warning
N/A
Default
Value
0
0
0
0 0000
TABLE 40. 0x7D STATUS TEMPERATURE REGISTER DEFINITION
BIT NUMBER
D[7]
D[6]
D[5]
D[4:0]
Bit Name
N/A
OT
Warning
N/A
N/A
Default Value
0
0
0
0 0000
TABLE 41. 0x7E STATUS CML REGISTER DEFINITION
BIT NUMBER
D[7]
D[6]
D[5]
D[4:2]
D[1]
D[0]
Bit Name
USCMD USDATA PECERR
N/A
COMERR N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com