Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8389 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # FN8389
Description  Precision Digital Power Monitor with Margining
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8389 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button FN8389 Datasheet HTML 17Page - Renesas Technology Corp FN8389 Datasheet HTML 18Page - Renesas Technology Corp FN8389 Datasheet HTML 19Page - Renesas Technology Corp FN8389 Datasheet HTML 20Page - Renesas Technology Corp FN8389 Datasheet HTML 21Page - Renesas Technology Corp FN8389 Datasheet HTML 22Page - Renesas Technology Corp FN8389 Datasheet HTML 23Page - Renesas Technology Corp FN8389 Datasheet HTML 24Page - Renesas Technology Corp FN8389 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ISL28023
FN8389 Rev.6.03
Page 21 of 55
Oct 27, 2022
FIGURE 57. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 58. SUPPLY CURRENT vs SUPPLY VOLTAGE
(POWER-DOWN MODES)
FIGURE 59. PRIMARY VSHUNT BIAS CURRENT vs TEMPERATURE
FIGURE 60. PRIMARY VSHUNT BIAS CURRENT vs TEMPERATURE
(POWER-DOWN MODE)
FIGURE 61. PRIMARY VSHUNT BIAS CURRENT OFFSET vs
TEMPERATURE
FIGURE 62. PRIMARY VSHUNT BIAS CURRENT OFFSET vs
TEMPERATURE (POWER-DOWN MODE)
Typical Performance Curves T
A = +25°C, VCC = 3.3V, VINP = VBUS = 12V, AUXP = AUXV = 3V,
VSHUNT = VAUXSHUNT = 80mV, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128; unless otherwise specified. (Continued)
0
200
400
600
800
1000
1200
3.0
3.5
4.0
4.5
5.0
5.5
6.0
TEMPERATURE (°C)
MODE = Nmrl+OC
MODE = Nmrl+DACOEn
MODE = Nmrl+UV
MODE = Nmrl+OV
MODE = Nmrl+DACEn
MODE = Nmrl
0
1
2
3
4
5
6
7
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCC (V)
MODE = ADC PD,
MODE = PD
-9.8
-9.6
-9.4
-9.2
-9.0
-8.8
-8.6
-60 -40 -20
0
20
40
60
80
100 120 140 160
TEMPERATURE (°C)
MODE = Nmrl+OC
MODE = Nmrl
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
-60 -40
-20
0
20
40
60
80
100 120 140 160
TEMPERATURE (°C)
MODE = PD,
MODE = ADCPD
-140
-120
-100
-80
-60
-40
-20
0
20
40
-60 -40 -20
0
20
40
60
80
100 120 140 160
TEMPERATURE (°C)
MODE = Nmrl+OC
MODE = Nmrl
-35
-30
-25
-20
-15
-10
-5
0
5
-60 -40
-20
0
20
40
60
80
100 120 140 160
TEMPERATURE (°C)
MODE = PD
MODE = ADCPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com