Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8389 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # FN8389
Description  Precision Digital Power Monitor with Margining
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8389 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button FN8389 Datasheet HTML 7Page - Renesas Technology Corp FN8389 Datasheet HTML 8Page - Renesas Technology Corp FN8389 Datasheet HTML 9Page - Renesas Technology Corp FN8389 Datasheet HTML 10Page - Renesas Technology Corp FN8389 Datasheet HTML 11Page - Renesas Technology Corp FN8389 Datasheet HTML 12Page - Renesas Technology Corp FN8389 Datasheet HTML 13Page - Renesas Technology Corp FN8389 Datasheet HTML 14Page - Renesas Technology Corp FN8389 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
ISL28023
FN8389 Rev.6.03
Page 11 of 55
Oct 27, 2022
POWER SUPPLY
Power Supply Voltage at VCC
Vvcc
3.0
3.3
5.5
V
Power Supply Voltage at I2CVCC
Vi2cvcc
f = DC to 400kHz
1.2
3.3
5.5
V
Only ADC in Conversion Mode
All other blocks are disabled
690
830
µA
Only ADC in Idle Mode
All other blocks are disabled
640
705
µA
Only Threshold Detectors
All three detectors are active
760
945
µA
Only Margin DAC
All other blocks are disabled
240
286
µA
Fully Enabled Chip Current
All functional blocks enabled
1240
1545
µA
Fully Disabled Chip Current
All functional blocks disabled
5
15
µA
Voltage Regulator
Ivreg_in
Vreg_in = 4.5V to 60V; Rload = open
26
35
µA
I2C Supply Current
Ii2cvcc
SMBCLK = 100kHz; I2CVCC = 3.3V
15
µA
I2C Idle Supply Current
Ii2cvcc_pd
Input signals are static
100
nA
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Compliance to datasheet limits is assured by one or
more of the following methods: production test, characterization and design.
Electrical Specifications TA = +25°C, I2CVCC = VCC = 3.3V, VINP = VBUS = 12V, VSENSE = VINP-VINM = 80mV, AUXP-AUXM = 80mV,
AuxV = 3V, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128, unless otherwise specified. All voltages with respect to GND pin.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com