Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8389 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # FN8389
Description  Precision Digital Power Monitor with Margining
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8389 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button FN8389 Datasheet HTML 35Page - Renesas Technology Corp FN8389 Datasheet HTML 36Page - Renesas Technology Corp FN8389 Datasheet HTML 37Page - Renesas Technology Corp FN8389 Datasheet HTML 38Page - Renesas Technology Corp FN8389 Datasheet HTML 39Page - Renesas Technology Corp FN8389 Datasheet HTML 40Page - Renesas Technology Corp FN8389 Datasheet HTML 41Page - Renesas Technology Corp FN8389 Datasheet HTML 42Page - Renesas Technology Corp FN8389 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ISL28023
FN8389 Rev.6.03
Page 39 of 55
Oct 27, 2022
0XDD CONFIGURE INTERRUPTS (R/W)
The Configure Interrupt register is a read/writable word register
that controls the behavior of the two SMB alert pins. The
definition of the control bits within the Configure Interrupt
register is defined in Table 31.
ALERT2_FEEDTHR D[14:12]
The Alert2_FeedThr bits determine whether the bit from each
alert comparator is digitally conditioned or not. The alert
comparators, digital filters and latching bits are the same for
both SMB alert channels. Table 32 defines the functionality of
the Alert2_FeedThr bits.
ALERT1_FEEDTHR D[11:9]
The Alert1_FeedThr bits determine whether the bit from each
alert comparator is digitally conditioned or not. The alert
comparators, digital filters and latching bits are the same for
both SMB alert channels. Table 33 defines the functionality of
the Alert1_FeedThr bits.
OC_FIL D[8:7]
The OC_FIL bits control the digital filter for the overcurrent
circuitry. The digital filter will prevent short duration events from
passing to the output pins. The filter is useful in preventing high
frequency power glitches from triggering a shutdown event. The
filter time delay ranges from 0µs to 8µs. An 8µs filter setting
requires an error event to be at least 8µs in duration before
passing the result to the SMB alert pins. There is one OC digital
filter for both SMB alert pins. Configuring OC_FIL bits will change
the OC digital filter setting for both SMB alert pins. See Table 34
for the filter selections.
UV_FIL D[6:5]
The UV_FIL bits control the digital filter for the undervoltage
circuitry. The digital filter will prevent short duration events from
passing to the output pins. The filter is useful in preventing high
frequency power glitches from triggering a shutdown event. The
filter time delay ranges from 0µs to 8µs. An 8µs filter setting
requires an error event to be at least 8µs in duration before
passing the result to the SMB alert pins. There is one UV digital
filter for both SMB alert pins. Configuring UV_FIL bits will change
the UV digital filter setting for both SMB alert pins. See Table 34
for the filter selections.
OV_FIL D[4:3]
The OV_FIL bits control the digital filter for the overvoltage
circuitry. The digital filter will prevent short duration events from
passing to the output pins. The filter is useful in preventing high
frequency power glitches from triggering a shutdown event. The
filter time delay ranges from 0µs to 8µs. An 8µs filter setting
requires an error event to be at least 8µs in duration before
passing the result to the SMB alert pins. There is one OV digital
filter for both SMB alert pins. Configuring OV_FIL bits will change
the OV digital filter setting for both SMB alert pins. See Table 34
for the filter selections.
OC_EN D[2]
The OC_EN enable bit controls the power to the overcurrent DAC
and comparator. Setting the bit to 1 enables the overcurrent
circuitry.
OV_EN D[1]
The OV_EN enable bit controls the power to the overvoltage DAC
and comparator. Setting the bit to 1 enables the overvoltage
circuitry.
UV_EN D[0]
The UV_EN enable bit controls the power to the undervoltage DAC
and comparator. Setting the bit to 1 enables the undervoltage
circuitry.
0XDE FORCE FEEDTHROUGH ALERT REGISTER (R/W)
The Force Feedthrough Alert Register is a read/writable byte
register that controls the polarity of the interrupt. The definition
TABLE 31. 0xDD CONFIGURE INTERRUPT REGISTER DEFINITION
BIT
NUMBER
D
[15]
D
[14:12]
D
[11:9]
D
[8:7]
D
[6:5]
D
[4:3]
D
[2]
D
[1]
D
[0]
Bit Name N/A ALERT2
FeedTh
ALERT1
FeedTh
OC
FIL
OV
FIL
UV
FIL
OC
EN
OV
EN
UV
EN
Default
Value
0
000
000
0 0
00
0 0
0
0
0
TABLE 32. Alert2_FeedThr BITS DEFINED
Alert2_FeedThr BITS
D[14:12]
BIT VAL
FUNCTIONALITY
D[14]
0
0
OV/OT Digitally Conditioned
1OV/OT Pass Through
D[13]
1
0
UV Digitally Conditioned
1UV Pass Through
D[13]
2
0
OC Digitally Conditioned
1OC Pass Through
TABLE 33. Alert1_FeedThr BITS DEFINED
Alert1_FeedThr Bits D[11:9] BIT VAL
FUNCTIONALITY
D[11]
0
0
OV/OT Digitally Conditioned
1OV/OT Pass Through
D[10]
1
0
UV Digitally Conditioned
1UV Pass Through
D[9]
2
0
OC Digitally Conditioned
1OC Pass Through
TABLE 34. DIGITAL GLITCH FILTER SETTINGS DEFINED
OC_FIL D[8:7]
UV_FIL D[6:5]
OV_FIL D[4:3]
FILTER TIME
(µs)
0
0
0
01
2
10
4
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com