Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8389 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # FN8389
Description  Precision Digital Power Monitor with Margining
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8389 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button FN8389 Datasheet HTML 11Page - Renesas Technology Corp FN8389 Datasheet HTML 12Page - Renesas Technology Corp FN8389 Datasheet HTML 13Page - Renesas Technology Corp FN8389 Datasheet HTML 14Page - Renesas Technology Corp FN8389 Datasheet HTML 15Page - Renesas Technology Corp FN8389 Datasheet HTML 16Page - Renesas Technology Corp FN8389 Datasheet HTML 17Page - Renesas Technology Corp FN8389 Datasheet HTML 18Page - Renesas Technology Corp FN8389 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
ISL28023
FN8389 Rev.6.03
Page 15 of 55
Oct 27, 2022
FIGURE 21. PRIMARY VBUS VOS TC
FIGURE 22. PRIMARY VBUS VOS vs TEMPERATURE
FIGURE 23. PRIMARY VBUS ADC GAIN ERROR
FIGURE 24. PRIMARY VBUS ADC GAIN ERROR TC
FIGURE 25. PRIMARY VBUS MEASUREMENT ERROR vs INPUT
FIGURE 26. PRIMARY VBUS MEASUREMENT ERROR vs TEMPERATURE
Typical Performance Curves T
A = +25°C, VCC = 3.3V, VINP = VBUS = 12V, AUXP = AUXV = 3V,
VSHUNT = VAUXSHUNT = 80mV, Conversion Time: Aux = Primary = 2.05ms, Internal AVG Aux = Primary = 128; unless otherwise specified. (Continued)
0
2
4
6
8
10
12
VOS TC (µV/C)
VINPUT = 25mV
-20
-15
-10
-5
0
5
10
15
20
-60 -40
-20
0
20
40
60
80
100 120 140 160
TEMPERATURE (°C)
VCC = 5V
VCC = 3V
VINPUT = 25mV
VCC = 3.3V
0
1
2
3
4
5
6
7
8
GAIN ERROR (%)
ISL28023-12 (1V TO 16V)
ISL28023-60 (12V TO 60V)
0
1
2
3
4
5
6
GAIN ERROR TC (ppm/C)
ISL28023-12 (1V TO 16V)
ISL28023-60
(12V TO 60V)
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
0
8
1624
3240
48
5664
VINPUT (V)
VCC (12) = 5V
VCC (12) = 3V
VCC (12) = 3.3V
VCC (60) = 3V
VCC (60) = 5V
VCC (60) = 3.3V
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
-60
-40 -20
0
20
40
60
80
100 120 140 160
TEMPERATURE (°C)
VCC (12) = 5V
VCC (12) = 3V
VCC (12) = 3.3V
VCC (60) = 5V
VCC (60) = 3V
VCC (60) = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com