Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 2Page - Renesas Technology Corp ISL28107 Datasheet HTML 3Page - Renesas Technology Corp ISL28107 Datasheet HTML 4Page - Renesas Technology Corp ISL28107 Datasheet HTML 5Page - Renesas Technology Corp ISL28107 Datasheet HTML 6Page - Renesas Technology Corp ISL28107 Datasheet HTML 7Page - Renesas Technology Corp ISL28107 Datasheet HTML 8Page - Renesas Technology Corp ISL28107 Datasheet HTML 9Page - Renesas Technology Corp ISL28107 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 6 of 32
Aug 30, 2024
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . (V-) - 0.5V to (V+) + 0.5V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . (V-) - 0.5V to (V+) + 0.5V
Max/Min Input Current for Input Voltage >V+ or <V- . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 Output at a Time) . . . . . . . . . . . Indefinite
ESD Tolerance
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5kV
Machine Model (ISL28207 MSOP only). . . . . . . . . . . . . . . . . . . . . . . 300V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV
ESD Tolerance (ISL28407 SOIC only)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld SOIC (ISL28107, Notes 4, 5) . . . . . . .
120
60
8 Ld SOIC (ISL28207, Notes 4, 5) . . . . . . .
105
50
8 Ld MSOP (ISL28107, Notes 4, 5) . . . . . .
155
50
8 Ld MSOP (ISL28207, Notes 4, 5) . . . . . .
160
55
8 Ld TDFN (ISL28107, Notes 6, 7) . . . . . .
44
3
8 Ld TDFN (ISL28207, Notes 6, 7) . . . . . .
43
2
14 Ld SOIC (ISL28407, Notes 4, 5) . . . . . .
73
45
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See TB379 for details.
5. For
JC, the “case temp” location is taken at the package top center.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See TB379.
7. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Offset Voltage Magnitude; SOIC
Package
ISL28107, ISL28207
-75
5
75
µV
-140
140
µV
ISL28407
-90
10
90
µV
-160
160
µV
Offset Voltage Magnitude; MSOP
Package
ISL28107
-100
5
100
µV
-180
180
µV
ISL28207
-110
5
110
µV
-200
200
µV
Offset Voltage Magnitude; TDFN
Package
ISL28107
-100
10
100
µV
-190
190
µV
ISL28207
-100
10
100
µV
-175
175
µV
TCVOS
Offset Voltage Drift; SOIC Package ISL28107, ISL28207
-0.65
0.1
0.65
µV/°C
ISL28407
-0.8
0.2
0.8
µV/°C
Offset Voltage Drift; MSOP
Package
ISL28107
-0.85
0.1
0.85
µV/°C
ISL28207
-0.9
0.1
0.9
µV/°C
Offset Voltage Drift; TDFN
Package
ISL28107
-0.9
0.1
0.9
µV/°C
ISL28207
-0.75
0.1
0.75
µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com