Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 11Page - Renesas Technology Corp ISL28107 Datasheet HTML 12Page - Renesas Technology Corp ISL28107 Datasheet HTML 13Page - Renesas Technology Corp ISL28107 Datasheet HTML 14Page - Renesas Technology Corp ISL28107 Datasheet HTML 15Page - Renesas Technology Corp ISL28107 Datasheet HTML 16Page - Renesas Technology Corp ISL28107 Datasheet HTML 17Page - Renesas Technology Corp ISL28107 Datasheet HTML 18Page - Renesas Technology Corp ISL28107 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 15 of 32
Aug 30, 2024
FIGURE 27. VOL vs TEMPERATURE, VS = ±15V, RL =2k
FIGURE 28. VOH vs TEMPERATURE, VS = ±5V, RL = 10k
FIGURE 29. VOL vs TEMPERATURE, VS = ±5V, RL =10k
FIGURE 30. SUPPLY CURRENT vs TEMPERATURE
FIGURE 31. POSITIVE SHORT CIRCUIT CURRENT vs
TEMPERATURE
FIGURE 32. NEGATIVE SHORT CIRCUIT CURRENT vs
TEMPERATURE
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise specified. (Continued)
-14.4
-14.2
-14.0
-13.8
-13.6
-13.4
-13.2
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
RL = 2k
3.2
3.4
3.6
3.8
4.0
4.2
4.4
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
RL = 10k
-4.4
-4.2
-4.0
-3.8
-3.6
-3.4
-3.2
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
RL = 10k
±15V
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-50
0
50
100
150
TEMPERATURE (°C)
±2.25V
20
25
30
35
40
45
50
55
60
-50
0
50
100
150
TEMPERATURE (°C)
ISC+ @ ±15V
20
25
30
35
40
45
50
55
60
-50
0
50
100
150
TEMPERATURE (°C)
ISC- @ ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com