Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 4Page - Renesas Technology Corp ISL28107 Datasheet HTML 5Page - Renesas Technology Corp ISL28107 Datasheet HTML 6Page - Renesas Technology Corp ISL28107 Datasheet HTML 7Page - Renesas Technology Corp ISL28107 Datasheet HTML 8Page - Renesas Technology Corp ISL28107 Datasheet HTML 9Page - Renesas Technology Corp ISL28107 Datasheet HTML 10Page - Renesas Technology Corp ISL28107 Datasheet HTML 11Page - Renesas Technology Corp ISL28107 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 8 of 32
Aug 30, 2024
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
1
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz, VS = ±19V
340
nVP-P
en
Voltage Noise Density
f = 10Hz, VS = ±19V
14
nV/
Hz
en
Voltage Noise Density
f = 100Hz, VS = ±19V
13
nV/
Hz
en
Voltage Noise Density
f = 1kHz, VS = ±19V
13
nV/
Hz
en
Voltage Noise Density
f = 10kHz, VS = ±19V
13
nV/
Hz
in
Current Noise Density
f = 10kHz, VS = ±19V
53
fA/
Hz
THD + N
Total Harmonic Distortion + Noise 1kHz, G = 1, VO = 3.5VRMS, RL = 2k
0.0035
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 10kVO = 10VP-P
±0.32
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0RL = 2kto VCM
355
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0RL = 2kto VCM
365
ns
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = -1 VOUT = 10VP-P, Rg = Rf = 10k,
RL =2k to VCM
29
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P, Rg = Rf =10k,
RL =2k to VCM
31.2
µs
tOL
Output Overload Recovery Time
AV = 100, VIN = 0.2V, RL = 2k to VCM
6µs
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Offset Voltage Magnitude; SOIC
Package
ISL28107, ISL28207
-75
5
75
µV
-140
140
µV
ISL28407
-90
10
90
µV
-160
160
µV
Offset Voltage Magnitude; MSOP
Package
ISL28107
-100
5
100
µV
-180
180
µV
ISL28207
-110
5
110
µV
-200
200
µV
Offset Voltage Magnitude; TDFN
Package
ISL28107
-100
10
100
µV
-190
190
µV
ISL28207
-100
10
100
µV
-175
175
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com