Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 20Page - Renesas Technology Corp ISL28107 Datasheet HTML 21Page - Renesas Technology Corp ISL28107 Datasheet HTML 22Page - Renesas Technology Corp ISL28107 Datasheet HTML 23Page - Renesas Technology Corp ISL28107 Datasheet HTML 24Page - Renesas Technology Corp ISL28107 Datasheet HTML 25Page - Renesas Technology Corp ISL28107 Datasheet HTML 26Page - Renesas Technology Corp ISL28107 Datasheet HTML 27Page - Renesas Technology Corp ISL28107 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 24 of 32
Aug 30, 2024
Characterization vs Simulation Results
FIGURE 58. CHARACTERIZED INPUT NOISE VOLTAGE
FIGURE 59. SIMULATED INPUT NOISE VOLTAGE
FIGURE 60. CHARACTERIZED CLOSED LOOP GAIN vs FREQUENCY
FIGURE 61. SIMULATED CLOSED LOOP GAIN vs FREQUENCY
FIGURE 62. CHARACTERIZED CLOSED LOOP GAIN vs RL
FIGURE 63. SIMULATED CLOSED LOOP GAIN vs RL
FREQUENCY (Hz)
10
100
1000
0.1
1
10
100
1k
10k
100k
V+ = ±19V
AV = 1
FREQUENCY (Hz)
100m
1.0
10
100
1k
10k
100k
10
100
1000
FREQUENCY (Hz)
100k
1M
10M
10
10k
1k
100
-20
-10
0
10
20
30
40
50
60
70
AV = 1
AV = 100
AV = 1000
V+ = ±20V
VOUT = 100mVP-P
CL = 4pF
RL = 10k
AV = 10
Rg = 1k, Rf = 100k
Rg = 100, Rf = 100k
Rg = OPEN, Rf = 0
Rg = 10k, Rf = 100k
10
100
10k
100k
1M
10M
-20
0
20
40
70
60
FREQUENCY (Hz)
AV = 1
AV = 100
AV = 1000
Rg = 100, Rf = 100k
Rg = 10k, Rf = 100k
AV = 10
Rg = 1k, Rf = 100k
Rg = OPEN, Rf = 0
1k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V+ = ±20V
AV = +1
VOUT = 100mVP-P
CL = 4pF
RL = 10k
RL = 100k
RL = 1k
RL = 499
1k
10k
100k
1M
10M
-8
-6
-4
-2
0
-9
1
FREQUENCY (Hz)
V+ = ±15V
AV = +1
VOUT = 100mVP-P
CL = 4pF
RL = 1k
RL = 499
RL = 100k
RL = 10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com