Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 6Page - Renesas Technology Corp ISL28107 Datasheet HTML 7Page - Renesas Technology Corp ISL28107 Datasheet HTML 8Page - Renesas Technology Corp ISL28107 Datasheet HTML 9Page - Renesas Technology Corp ISL28107 Datasheet HTML 10Page - Renesas Technology Corp ISL28107 Datasheet HTML 11Page - Renesas Technology Corp ISL28107 Datasheet HTML 12Page - Renesas Technology Corp ISL28107 Datasheet HTML 13Page - Renesas Technology Corp ISL28107 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 10 of 32
Aug 30, 2024
VOL
Output Voltage Low
RL = 10k to ground
-40°C to +125°C
-3.7
-3.5
V
-3.2
V
RL = 2k to ground
-40°C to +125°C
-3.55
-3.3
V
-3.1
V
IS
Supply Current/Amplifier
RL = Open
0.21
0.29
mA
0.35
mA
ISC
Output Short-Circuit Current
(Note 9)
±40
mA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
1
MHz
THD + N
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 2.5VRMS, RL = 2k
0.0053
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 2k
0.32
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0,
RL =2k to VCM
355
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0,
RL =2k to VCM
370
ns
ts
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rf = Rg = 2k,
RL =2k to VCM
12.4
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rf = Rg = 2k,
RL =2k to VCM
22
µs
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
9. Output Short Circuit Current is the minimum current (source or sink) when the output is driven into the supply rails with RL =0 to ground.
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com