Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 16Page - Renesas Technology Corp ISL28107 Datasheet HTML 17Page - Renesas Technology Corp ISL28107 Datasheet HTML 18Page - Renesas Technology Corp ISL28107 Datasheet HTML 19Page - Renesas Technology Corp ISL28107 Datasheet HTML 20Page - Renesas Technology Corp ISL28107 Datasheet HTML 21Page - Renesas Technology Corp ISL28107 Datasheet HTML 22Page - Renesas Technology Corp ISL28107 Datasheet HTML 23Page - Renesas Technology Corp ISL28107 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 20 of 32
Aug 30, 2024
Applications Information
Functional Description
The ISL28107, ISL28207 and ISL28407 are single, dual and
quad, very low 1/f noise (14nV/
Hz @ 10Hz) precision op-amps.
These amplifiers feature very high open loop gain (50kV/mV) for
excellent CMRR (145dB) and gain accuracy. Both devices are
fabricated in a new precision 40V complementary bipolar DI
process.
The super-beta NPN input stage with bias current cancellation
provides bipolar-like levels of AC performance, with the low input
bias currents approaching JFET levels. The temperature
stabilization provided by bias current cancellation removes the
high input bias current temperature coefficient commonly found
in JFET amplifiers. Figures 9 and 10 show the input bias current
variation over temperature.
The input offset voltage (VOS) has a very low, worst case value of
75µV max at +25°C and a maximum TC of 0.65µV/°C. Figure 38
shows VOS as a function of supply voltage and temperature with
the common mode voltage at 0V for split supply operation.
The complementary bipolar output stage maintains stability
driving large capacitive loads (to 10nF) without external
compensation. The small signal overshoot vs. load capacitance is
shown in Figure 54.
Operating Voltage Range
The devices are designed to operate over the 4.5V (±2.25V) to
40V (±20V) range and are fully characterized at 10V (±5V) and
30V (±15V). Both DC and AC performance remain virtually
unchanged over the complete 4.5V to 40V operating voltage
range. Parameter variation with operating voltage is shown in the
“Typical Performance Curves” beginning on page 11. The input
common mode voltage range sensitivity to temperature is shown
in Figure 38 (±15V).
Input ESD Diode Protection
The input terminals (IN+ and IN-) each have internal ESD
protection diodes to the positive and negative supply rails, a series
connected 500
 current limiting resistor followed by an
anti-parallel diode pair across the input NPN transistors (Circuit 1
in “Pin Descriptions” on page 4).
The resistor-ESD diode configuration enables a wide differential
input voltage range equal to the lesser of the Maximum Supply
Voltage in the “Absolute Maximum Ratings” on page 6 (42V), or a
maximum of 0.5V beyond the V+ and V- supply voltage. The
internal protection resistors eliminate the need for external input
current limiting resistors in unity gain connections and other
circuit applications where large voltages or high slew rate signals
are present. Although the amplifier is fully protected, high input
slew rates that exceed the amplifier slew rate (±0.32V/µs) may
cause output distortion.
Output Current Limiting
The output current is internally limited to approximately ±40mA
at +25°C and can withstand a short circuit to either rail as long
as the power dissipation limits are not exceeded. This applies to
only one amplifier at a time for the dual op-amp. Continuous
operation under these conditions may degrade long-term
reliability.
Output Phase Reversal
Output phase reversal is a change of polarity in the amplifier
transfer function when the input voltage exceeds the supply
voltage. The ISL28107, ISL28207 and ISL28407 are immune to
output phase reversal, even when the input voltage is 1V beyond
the supplies.
Unused Channels
If the application only requires one channel, the user must
configure the unused channels to prevent them from oscillating.
The unused channels can oscillate if the input and output pins
are floating. This results in higher than expected supply currents
and possible noise injection into the channel being used. The
proper way to prevent this oscillation is to short the output to the
inverting input and ground the positive input, as shown in
Figure 55.
Power Dissipation
It is possible to exceed the +150°C maximum junction
temperatures under certain load and power supply conditions. It
is therefore important to calculate the maximum junction
temperature (TJMAX) for all applications to determine if power
supply voltages, load conditions, or package type need to be
modified to remain in the safe operating area. These parameters
are related using Equation 1:
Where:
•PDMAXTOTAL is the sum of the maximum power dissipation of
each amplifier in the package (PDMAX)
PDMAX for each amplifier can be calculated using Equation 2:
where:
•TMAX = Maximum ambient temperature
•
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of one amplifier
•VS = Total supply voltage
•IqMAX = Maximum quiescent supply current of one amplifier
•VOUTMAX = Maximum output voltage swing of the application
•RL = Load resistance
FIGURE 55. PREVENTING OSCILLATIONS IN UNUSED CHANNELS
-
+
TJMAX
TMAX JAxPDMAXTOTAL
+
=
(EQ. 1)
PDMAX
VS IqMAX VS
- VOUTMAX
VOUTMAX
RL
----------------------------
+
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com