Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 21Page - Renesas Technology Corp ISL28107 Datasheet HTML 22Page - Renesas Technology Corp ISL28107 Datasheet HTML 23Page - Renesas Technology Corp ISL28107 Datasheet HTML 24Page - Renesas Technology Corp ISL28107 Datasheet HTML 25Page - Renesas Technology Corp ISL28107 Datasheet HTML 26Page - Renesas Technology Corp ISL28107 Datasheet HTML 27Page - Renesas Technology Corp ISL28107 Datasheet HTML 28Page - Renesas Technology Corp ISL28107 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 25 of 32
Aug 30, 2024
FIGURE 64. CHARACTERIZED LARGE SIGNAL 10V STEP
RESPONSE
FIGURE 65. SIMULATED LARGE SIGNAL 10V STEP RESPONSE
FIGURE 66. SIMULATED OPEN-LOOP GAIN, PHASE vs FREQUENCY
FIGURE 67. SIMULATED OPEN-LOOP GAIN, PHASE vs FREQUENCY
FIGURE 68. SIMULATED CMRR vs FREQUENCY
Characterization vs Simulation Results (Continued)
-6
-4
-2
0
2
4
6
0
50
100
150
200
250
300
350
400
TIME (µs)
V+ = ±15V
AV = 11
CL = 4pF
VOUT = 10VP-P
Rf = 10k, Rg = 1k
RL = 10k
RL = 2k
TIME (µs)
0
50
100
150
200
250
300
-20
-10
0
10
20
OUTPUT
INPUT
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m 1 10 100 1k 10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE
10m
1
100
10k
1M
100M
1m
-50
0
50
100
150
200
FREQUENCY (Hz)
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE
FREQUENCY (Hz)
1m
100m
10
1k
100k
10M
0
50
100
150
100M
SIMULATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com