Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28107 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL28107 Datasheet HTML 1Page - Renesas Technology Corp ISL28107 Datasheet HTML 2Page - Renesas Technology Corp ISL28107 Datasheet HTML 3Page - Renesas Technology Corp ISL28107 Datasheet HTML 4Page - Renesas Technology Corp ISL28107 Datasheet HTML 5Page - Renesas Technology Corp ISL28107 Datasheet HTML 6Page - Renesas Technology Corp ISL28107 Datasheet HTML 7Page - Renesas Technology Corp ISL28107 Datasheet HTML 8Page - Renesas Technology Corp ISL28107 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
FN6631 Rev 8.01
Page 1 of 32
Aug 30, 2024
© 2009-2024 Renesas Electronics
ISL28107, ISL28207, ISL28407
Precision Single, Dual and Quad Low Noise Operational Amplifiers
DATASHEET
The ISL28107, ISL28207 and ISL28407 are single, dual and
quad amplifiers featuring low noise, low input bias current,
and low offset and temperature drift. This makes them the
ideal choice for applications requiring both high DC accuracy
and AC performance. The combination of precision, low noise,
and small footprint provides the user with outstanding value
and flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28107 is available in 8 Ld SOIC, MSOP and TDFN
packages. The ISL28207 is available in 8 Ld SOIC, MSOP and
TDFN packages. The ISL28407 is available in a 14 Ld SOIC
package. All devices are offered in standard pin configurations
and operate over the extended temperature range of -40°C to
+125°C.
Applications
• Precision instruments
• Medical instrumentation
• Spectral analysis equipment
• Active filter blocks
• Microphone pre-amplifier
• Thermocouples and RTD reference buffers
• Data acquisition
•Power supply control
Features
• Low input offset . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75µV Max.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15pA
• Superb temperature drift
- Voltage offset . . . . . . . . . . . . . . . . . . . . . . . 0.65µV/°C Max.
- Input current . . . . . . . . . . . . . . . . . . . . . . . . . .0.9pA/°C Max.
• Outstanding ESD performance
- Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5kV
- Machine Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
- Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . 1.5kV
• Very low voltage noise, 10Hz . . . . . . . . . . . . . . . . . . 14nV/
Hz
• Low current consumption (per amp) . . . . . . . . . 0.29mA Max.
• Gain-bandwidth product . . . . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• No phase reversal
• Pb-free (RoHS compliant)
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. INPUT NOISE VOLTAGE SPECTRAL DENSITY
-
+
OUTPUT
V+
R1
V-
R2
C1
C2
SALLEN-KEY LOW PASS FILTER (1kHz)
VIN
19.1k
48.7k
3.3nF
8.2nF
FREQUENCY (Hz)
10
100
1000
0.1
1
10
100
1k
10k
100k
V+ = ±19V
AV = 1


Similar Part No. - ISL28107

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
April 8, 2010
ISL28107 INTERSIL-ISL28107 Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28107 INTERSIL-ISL28107 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107 INTERSIL-ISL28107 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational
September 6, 2011
More results

Similar Description - ISL28107

ManufacturerPart #DatasheetDescription
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
April 8, 2010
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com