Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2226 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 6Page - SMSC Corporation USB2226 Datasheet HTML 7Page - SMSC Corporation USB2226 Datasheet HTML 8Page - SMSC Corporation USB2226 Datasheet HTML 9Page - SMSC Corporation USB2226 Datasheet HTML 10Page - SMSC Corporation USB2226 Datasheet HTML 11Page - SMSC Corporation USB2226 Datasheet HTML 12Page - SMSC Corporation USB2226 Datasheet HTML 13Page - SMSC Corporation USB2226 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
Revision 1.4 (10-08-07)
10
SMSC USB2226
DATASHEET
Chapter 5 Pin Descriptions
This section provides a detailed description of each signal. The signals are arranged in functional
groups according to their associated interface.
The “n” symbol in the signal name indicates that the active, or asserted state occurs when the signal
is at a low voltage level. When “n” is not present before the signal name, the signal is asserted when
at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working
with a mixture of “active low” and “active high” signal. The term assert, or assertion indicates that a
signal is active, independent of whether that level is represented by a high or low voltage. The term
negate, or negation indicates that a signal is inactive.
5.1
PIN Descriptions
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION
CompactFlash (In True IDE mode) INTERFACE
CF_nCS1
61
O8PU
CF Chip Select 1:
This pin is the active low chip select 1 signal for the CF ATA device.
CF_nCS0
60
O8PU
CF Chip Select 0:
This pin is the active low chip select 0 signal for the task file registers
of CF ATA device in the True IDE mode.
CF_SA2
64
O8
CF Register Address 2:
This pin is the register select address bit 2 for the CF ATA device.
CF_SA1
63
O8
CF Register Address 1:
This pin is the register select address bit 1 for the CF ATA device.
CF_SA0
62
O8
CF Register Address 0:
This pin is the register select address bit 0 for the CF ATA device.
CF_IRQ
55
IPD
CF Interrupt:
This is the active high interrupt request signal from the CF device.
CF_D[15:8]
52
51
50
48
46
45
41
40
I/O8PD
CF Data 15-8:
The bi-directional data signals CF_D15-CF_D8 in True IDE mode
data transfer.
In the True IDE Mode, all of task file register operation occur on the
CF_D[7:0], while the data transfer is on CF_D[15:0].
The bi-directional data signal has an internal weak pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com