Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2226 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 5Page - SMSC Corporation USB2226 Datasheet HTML 6Page - SMSC Corporation USB2226 Datasheet HTML 7Page - SMSC Corporation USB2226 Datasheet HTML 8Page - SMSC Corporation USB2226 Datasheet HTML 9Page - SMSC Corporation USB2226 Datasheet HTML 10Page - SMSC Corporation USB2226 Datasheet HTML 11Page - SMSC Corporation USB2226 Datasheet HTML 12Page - SMSC Corporation USB2226 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Chapter 4 Block Diagram
Figure 4.1 USB2226 Block Diagram
USB 2.0 PHY
( Transceiver )
FAST 8051
CPU CORE
GPIO
Configuration and Control
Clock Generation
SIE
( Serial Interface Engine )
Interrupt Controller
Latch phase 0, 2
SIE
Latch phase 3
8051
Latch phase 1
FMC
60M Hz
32 Bit
Osc
Address
64 Bytes EP 0TX
64 Bytes EP 0RX
64 Bytes EP 1TX
64 Bytes EP 1RX
Auto address generators
Data @ 32 bit
15Mhz
SIE Control Regs
EP0RX_BC
RAMRD _A/B
EP0TX_BC
RAMW R _A/B
CLOCKOUT
24 MHz
512 Bytes EP 2 TX/RX Buffer A
1.25KB
SRAM
12K Byte
Scratchpad
SRAM
Clocked by Phase 0, 2 Clock
Clocked by Phase 3 Clock
512 Bytes EP 2 TX/RX Buffer B
Mem ory
Cards
Scratchpad
SRAM (768 Byte)
ECC
SD
Controller
SD/MMC
Flash Media
Controllers
(FMC)
MS/HS MS/MS PRO
SM/SSFDC
CF
Control/
Status
CRC
MEM /IO Bus
29pins
DATA
DATA
DATA
DATA
CRC
EP1TX_BC
EP1RX_BC
Flash M edia DM A Unit
64K ROM
PW R _FET0
PW R _FET1
PW R_FET2
SM /xD_PW R
MS _PW R
SD /MMC _PW R
M E M / IO B u s 2 9 P i n s
M EM/IO Bus 29 pins
Address
Address
Address
Address
Address
Address
32 bit 15MHz Data Buss
M EM/IO Bus 29 Pins
Control/
Status
Control/
Status
Control/
Status
MS
Controller
SM
Controller
CF
Controller
Control/
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com