Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2226 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 15Page - SMSC Corporation USB2226 Datasheet HTML 16Page - SMSC Corporation USB2226 Datasheet HTML 17Page - SMSC Corporation USB2226 Datasheet HTML 18Page - SMSC Corporation USB2226 Datasheet HTML 19Page - SMSC Corporation USB2226 Datasheet HTML 20Page - SMSC Corporation USB2226 Datasheet HTML 21Page - SMSC Corporation USB2226 Datasheet HTML 22Page - SMSC Corporation USB2226 Datasheet HTML 23Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
SMSC USB2226
21
Revision 1.4 (10-08-07)
DATASHEET
Note 6.1
Output leakage is measured with the current pins in high impedance.
Note 6.2
See Appendix A for USB DC electrical characteristics.
Note 6.3
The Maximum power dissipation parameters of the package should not be exceeded.
Integrated Power FETs for
MS_PWR or SM/xD_PWR
Output Current
Short Circuit Current Limit
On Resistance
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
100
140
2.1
800
mA
mA
Ω
μs
MS_PWR or
SM/xD_PWR;
VdropFET = 0.23V
MS_PWR or
SM/xD_PWR;
VoutFET = 0V
MS_PWR or
SM/xD_PWR;
IFET = 70mA
MS_PWR or
SM/xD_PWR;
CLOAD = 10μF
Integrated Power FET for
SD/MMC_PWR
Output Current
Short Circuit Current Limit
On Resistance
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
200
181
2.1
800
mA
mA
Ω
μs
SD/MMC_PWR;
VdropFET = 0.46V
SD/MMC_PWR;
VoutFET = 0V
SD/MMC_PWR;
IFET = 70mA
SD/MMC_PWR;
CLOAD = 10μF
Supply Current Unconfigured
ICCINIT
55
80
mA
Supply Current Active
(Full Speed)
ICC
75
90
mA
Supply Current Active
(High Speed)
ICC
75
100
mA
Supply Current Standby
ICSBY
305
420
µA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com