Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2226 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 4Page - SMSC Corporation USB2226 Datasheet HTML 5Page - SMSC Corporation USB2226 Datasheet HTML 6Page - SMSC Corporation USB2226 Datasheet HTML 7Page - SMSC Corporation USB2226 Datasheet HTML 8Page - SMSC Corporation USB2226 Datasheet HTML 9Page - SMSC Corporation USB2226 Datasheet HTML 10Page - SMSC Corporation USB2226 Datasheet HTML 11Page - SMSC Corporation USB2226 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
Revision 1.4 (10-08-07)
8
SMSC USB2226
DATASHEET
Chapter 3 Pin Configuration
Figure 3.1 USB2226 128-Pin VTQFP
97
VSS
98
RBIAS
99
ATEST
100
VDD33
101
VDD18PLL
102
XTAL1
103
XTAL2
104
VSSPLL
105
CF_nPWR
106
VDD18
107
NC
108
VDD33
109
VDD33
110
SD_nCD
111
NC
112
VSS
113
NC
114
ACT_LED
115
nRESET
116
117
118
119
120
121
122
123
124
125
NC
126
NC
127
NC
128
NC
64
CF_SA2
63
CF_SA1
62
CF_SA0
61
CF_nCS1
60
CF_nCS0
59
CF_ nRESET
58
CF_ nIOW
57
CF_ nIOR
56
CF_ IORDY
55
CF_IRQ
54
CF_nCD2
53
CF_nCD1
52
CF_D15
51
CF_D14
50
CF_D13
49
VDD18
48
CF_D12
47
VSS
46
CF_D11
45
CF_D10
44
SD/MMC_PWR
43
VDD33
42
MS_PWR
41
CF_D9
40
CF_D8
39
CF_D7
38
CF_D6
37
CF_D5
36
CF_D4
35
CF_D3
34
CF_D2
33
CF_D1
SMSC USB2226
TQFP 128
(Top View)
NC
NC
NC
NC
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com