Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2226 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 9Page - SMSC Corporation USB2226 Datasheet HTML 10Page - SMSC Corporation USB2226 Datasheet HTML 11Page - SMSC Corporation USB2226 Datasheet HTML 12Page - SMSC Corporation USB2226 Datasheet HTML 13Page - SMSC Corporation USB2226 Datasheet HTML 14Page - SMSC Corporation USB2226 Datasheet HTML 15Page - SMSC Corporation USB2226 Datasheet HTML 16Page - SMSC Corporation USB2226 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
SMSC USB2226
13
Revision 1.4 (10-08-07)
DATASHEET
MS_BS
24
O8
MS Bus State:
This pin is connected to the BS pin of the MS device.
It is used to control the Bus States 0, 1, 2 and 3 (BS0, BS1, BS2 and
BS3) of the MS device.
MS_SDIO/MS_
D0
19
I/O8PD
MS System Data In/Out:
This pin is a bi-directional data signal for the MS device.
Most significant bit (MSB) of each byte is transmitted first by either
MSC or MS device.
The bi-directional data signal has an internal weak pull-down resistor.
MS_D1
20
I/O8PD
MS System Data In/Out:
This pin is a bi-directional data signal for the MS device.
This pin has internally controlled weak pull-up and pull-down resistors
for various operational modes.
MS_D[3:2]
22
21
I/O8PD
MS System Data In/Out:
This pin is a bi-directional data signal for the MS device.
The bi-directional data signal has an internal weak pull-down resistor.
MS_INS
18
IPU
MS Card Insertion:
This pin is the card detection signal from the MS device to indicate,
if the device is inserted.
This pin has an internally controlled weak pull-up resistor.
MS_SCLK
23
O8
MS System CLK:
This pin is an output clock signal to the MS device.
The clock frequency is software configurable.
SD INTERFACE
SD_DAT[3:0]
29
28
27
26
I/O8PU
SD Data 3-0:
These are bi-directional data signals.
These pins have internally controlled weak pull-up resistors.
SD_CLK
31
O8
SD Clock:
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
SD_CMD
30
I/O8PU
SD Command:
This is a bi-directional signal that connects to the CMD signal of
SD/MMC device.
This pin has an internally controlled weak pull-up resistor.
SD_nWP
25
IPD
SD Write Protected:
This pin is an input signal with an internal weak pull-down.
This pin has an internally controlled weak pull-down resistor.
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com