Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2226 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 8Page - SMSC Corporation USB2226 Datasheet HTML 9Page - SMSC Corporation USB2226 Datasheet HTML 10Page - SMSC Corporation USB2226 Datasheet HTML 11Page - SMSC Corporation USB2226 Datasheet HTML 12Page - SMSC Corporation USB2226 Datasheet HTML 13Page - SMSC Corporation USB2226 Datasheet HTML 14Page - SMSC Corporation USB2226 Datasheet HTML 15Page - SMSC Corporation USB2226 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
Revision 1.4 (10-08-07)
12
SMSC USB2226
DATASHEET
SM_D[7:0]
72
71
70
69
68
67
66
65
I/O8PD
SM Data 7-0:
These pins are the bi-directional data signal SM_D7-SM_D0.
The bi-directional data signal has an internal weak pull-down resistor.
SM_nRE
81
08PU
SM Read Enable:
This pin is an active low read strobe signal for SM device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal Power FET.
08
If an external FET is used (Internal FET is disabled), then the internal
pull-up is not available (external pull-ups must be used, and should
be connected to the applicable Card Power Supply).
SM_nWE
82
O8PU
SM Write Enable:
This pin is an active low write strobe signal for SM device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal Power FET.
08
If an external FET is used (Internal FET is disabled), then the internal
pull-up is not available (external pull-ups must be used, and should
be connected to the applicable Card Power Supply).
SM_nWPS
76
IPU
SM Write Protect Switch:
A write-protect seal is detected, when this pin is low.
This pin has an internally controlled weak pull-up resistor.
SM_nB/R
77
I
SM Busy or Data Ready:
This pin is connected to the BSY/RDY pin of the SM device.
An external pull-up resistor is required on this signal. The pull-up
resistor must be pulled up to the same power source that powers the
SM/NAND flash device.
SM_nCE
83
O8PU
SM Chip Enable:
This pin is the active low chip enable signal to the SM device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal Power FET.
08
If an external FET is used (Internal FET is disabled), then the internal
pull-up is not available (external pull-ups must be used, and should
be connected to the applicable Card Power Supply).
SM_nCD
78
IPU
SM Card Detection:
This is the card detection signal from SM device to indicate if the
device is inserted.
This pin has an internally controlled weak pull-up resistor.
MEMORY STICK INTERFACE
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com