Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2226 Datasheet(PDF) 14 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 10Page - SMSC Corporation USB2226 Datasheet HTML 11Page - SMSC Corporation USB2226 Datasheet HTML 12Page - SMSC Corporation USB2226 Datasheet HTML 13Page - SMSC Corporation USB2226 Datasheet HTML 14Page - SMSC Corporation USB2226 Datasheet HTML 15Page - SMSC Corporation USB2226 Datasheet HTML 16Page - SMSC Corporation USB2226 Datasheet HTML 17Page - SMSC Corporation USB2226 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
Revision 1.4 (10-08-07)
14
SMSC USB2226
DATASHEET
USB INTERFACE
USBDM
USBDP
87
88
I/O-U
USB Bus Data:
These pins connect to the USB bus data signals.
RBIAS
98
I
USB Transceiver Bias:
A 12.0k
Ω, ± 1.0% resistor is attached from VSSA to this pin, in order
to set the transceiver’s internal bias currents.
ATEST
99
AIO
Analog Test:
This signal is used for testing the analog section of the chip and
should be connected to VDDA33 for normal operation.
VDD18PLL
101
1.8v Power for the PLL
VSSPLL
104
PLL Ground Reference:
Ground Reference for 1.8v PLL power
VDDA33
89
3.3v Analog Power
VSSA
86
Analog Ground Reference:
Analog Ground Reference for 3.3v Analog Power.
XTAL1/
CLKIN
102
ICLKx
Crystal Input/External Clock Input:
24Mhz Crystal or external clock input.
This pin can be connected to one terminal of the crystal or can be
connected to an external 24Mhz clock when a crystal is not used.
Note:
The ‘MA[2:0] pins will be sampled while nRESET is
asserted, and the value will be latched upon nRESET
negation. This will determine the clock source and value.
XTAL2
103
OCLKx
Crystal Output:
24Mhz Crystal
This is the other terminal of the crystal, or left open when an external
clock source is used to drive XTAL1/CLKIN. It may not be used to
drive any external circuitry other than the crystal circuit.
MISC
ACT_LED
114
I/O8
Media Activity LED:
This active low output will blink if any media is accessed by the USB
host.
VBUS
94
I/O8
VBUS Input:
This pin should be connected to the USB bus VBUS signal through
a 100K
Ω resistor voltage divider to provide 2.5v when VBUS = 5.0v.
SD_nCD
110
I/O8
SD Card Detection:
This is the card detection signal from SD socket to indicate if the
device is inserted.
This pin has an internally controlled weak pull-up resistor.
MS_PWR
42
I/O8
MS Card Power drive of 3.3V @ 100mA.
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com