Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2226 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2226 Datasheet HTML 1Page - SMSC Corporation USB2226 Datasheet HTML 2Page - SMSC Corporation USB2226 Datasheet HTML 3Page - SMSC Corporation USB2226 Datasheet HTML 4Page - SMSC Corporation USB2226 Datasheet HTML 5Page - SMSC Corporation USB2226 Datasheet HTML 6Page - SMSC Corporation USB2226 Datasheet HTML 7Page - SMSC Corporation USB2226 Datasheet HTML 8Page - SMSC Corporation USB2226 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SMSC USB2226
DATASHEET
Revision 1.4 (10-08-07)
Datasheet
PRODUCT FEATURES
USB2226
4th Generation USB 2.0
Flash Media Controller
with Integrated Card
Power FETs
Complete System Solution for interfacing
SmartMediaTM (SM) or xD Picture CardTM (xD),
Memory StickTM (MS), High Speed Memory Stick
(HSMS), Memory Stick PRO (MSPRO), MS DuoTM,
Secure Digital (SD), Mini-Secure Digital (Mini-SD),
TransFlash (SD), MultiMediaCardTM (MMC),
Reduced Size MultiMediaCard (RS-MMC), NAND
Flash, Compact FlashTM (CF) and CF UltraTM I & II,
and CF form-factor ATA hard drives to USB 2.0 bus
— Supports USB Bulk Only Mass Storage
Compliant Bootable BIOS
Support for simultaneous operation of all above
devices. (only one at a time of each of the following
groups supported: CF or ATA drive, SM or XD or
NAND, SD or MMC)
Compliant with xD specifications for either Card
Reader/Writer or Player mode applications
On-Chip 4-Bit High Speed Memory Stick and MS
PRO Hardware Circuitry
On-Chip firmware reads and writes High Speed
Memory Stick and MS PRO
1-bit ECC correction performed in hardware for
maximum efficiency
On-chip power FETs for supplying flash media card
power with minimum board components
USB Bus Power Certified
3.3 Volt I/O
Complete USB Specification 2.0 Compatibility for Bus
Powered Operation
— Includes USB 2.0 Transceiver
— A Bi-directional Control and a Bi-directional Bulk
Endpoint are provided.
8051 8 bit microprocessor
Double Buffered Bulk Endpoint
— Bi-directional 512 Byte Buffer for Bulk Endpoint
— 64 Byte RX Control Endpoint Buffer
— 64 Byte TX Control Endpoint Buffer
Internal Program Memory
On Board 24Mhz Crystal Driver Circuit
Can be clocked by 48MHz external source
On-Chip 1.8V Regulator for Low Power Core
Operation
Internal PLL for 480Mhz USB 2.0 Sampling,
Configurable MCU clock
Activity LED output
Compatible with Microsoft WinXP, WinME, Win2K
SP3, Apple OS10, Softconnex, and Linux Multi-LUN
Mass Storage Class Drivers
Win2K, Win98/98SE and Apple OS8.6 and OS9
Multi-LUN Mass Storage Class Drivers available from
SMSC
128 Pin VTQFP Lead-free RoHS Compliant Package
(1.0mm height, 14mm x14mm footprint)


Similar Part No. - USB2226

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB2223-03 SMSC-USB2223-03 Datasheet
166Kb / 20P
Bus Powered USB2.0 Flash Media Controller
USB2223-03 SMSC-USB2223-03_06 Datasheet
166Kb / 20P
Bus Powered USB2.0 Flash Media Controller
USB2223-NE-03 SMSC-USB2223-NE-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB2223-NU-03 SMSC-USB2223-NU-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
More results

Similar Description - USB2226

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2229 SMSC-USB2229 Datasheet
1,008Kb / 27P
5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2227 SMSC-USB2227_06 Datasheet
949Kb / 27P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2229 SMSC-USB2229_06 Datasheet
687Kb / 27P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
logo
Microchip Technology
USB2601 MICROCHIP-USB2601 Datasheet
272Kb / 30P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
07/14/15
USB2229 MICROCHIP-USB2229 Datasheet
374Kb / 28P
5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com