Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR064D Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 5Page - STMicroelectronics M58MR064D Datasheet HTML 6Page - STMicroelectronics M58MR064D Datasheet HTML 7Page - STMicroelectronics M58MR064D Datasheet HTML 8Page - STMicroelectronics M58MR064D Datasheet HTML 9Page - STMicroelectronics M58MR064D Datasheet HTML 10Page - STMicroelectronics M58MR064D Datasheet HTML 11Page - STMicroelectronics M58MR064D Datasheet HTML 12Page - STMicroelectronics M58MR064D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9/52
M58MR064C, M58MR064D
Figure 4. Single Synchronous Read Sequence (RSIG, RCFI, RSR instructions)
AI90090
A21-A16
VALID ADDRESS
L
ADQ15-ADQ0
VALID ADDRESS
VALID DATA
NOT VALID
ADQ15-ADQ0
VALID ADDRESS
VALID DATA
ADQ15-ADQ0
VALID ADDRESS
NOT VALID
NOT VALID
NOT VALID
CONFIGURATION CODE 4
CONFIGURATION CODE 3
CONF. CODE 2
NOT VALID
NOT VALID
VALID DATA
K
Both Chip Enable E and Output Enable G must be
at VIL in order to read the output of the memory.
Read array is the default state of the device when
exiting power down or after power up.
Burst Read. The device also supports a burst
read. In this mode a burst sequence is started at
the first clock edge (rising or falling according to
configuration settings) after the falling edge of L.
After a configurable delay of 2 to 5 clock cycles a
new data is output at each clock cycle. The burst
sequence may be configured for linear or inter-
leaved order and for a length of 4, 8 words or for
continuous burst mode. Wrap and no-wrap modes
are also supported.
AWAIT signal may be asserted to indicate to the
system that an output delay will occur. This delay
will depend on the starting address of the burst se-
quence; the worst case delay will occur when the
sequence is crossing a 64 word boundary and the
starting address was at the end of a four word
boundary. See the Write Read Configuration Reg-
ister (CR) Instruction for more details on all the
possible settings for the synchronous burst read
(see Table 14). It is possible to perform burst read
across bank boundary (all banks in read array
mode).
Write. Write operations are used to give Instruc-
tion Commands to the memory or to latch Input
Data to be programmed. A write operation is initi-
ated when Chip Enable E and Write Enable W are
at VIL with Output Enable G at VIH. Addresses are
latched on the rising edge of L. Commands and In-
put Data are latched on the rising edge of W or E
whichever occurs first. Noise pulses of less than
5ns typical on E,W and G signals do not start a
write cycle. Write operations are asynchronous
and clock is ignored during write.
Dual Bank Operations. The Dual Bank allows to
run different operations simultaneously in the two
banks. It is possible to read array data from one
bank while the other is programming, erasing or
reading any data (CFI, status register or electronic
signature).
Read and write cycles can be initiated for simulta-
neous operations in different banks without any
delay. Only one bank at a time is allowed to be in
program or erase mode, while the other must be in
one of the read modes (see Table 8).
Commands must be written to an address within
the block targeted by that command.
Output Disable. The data outputs are high im-
pedance when the Output Enable G is at VIH with
Write Enable W at VIH.
Standby. The memory is in standby when Chip
Enable E is at VIH and the P/E.C. is idle. The pow-
er consumption is reduced to the standby level
and the outputs are high impedance, independent
of the Output Enable G or Write Enable W inputs.
Automatic Standby. When in Read mode, after
150ns of bus inactivity and when CMOS levels are
driving the addresses, the chip automatically en-
ters a pseudo-standby mode where consumption
is reduced to the CMOS standby value, while out-
puts still drive the bus. The automatic standby fea-
ture is not available when the device is configured
for synchronous burst mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com