Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR064D Datasheet(PDF) 41 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 37Page - STMicroelectronics M58MR064D Datasheet HTML 38Page - STMicroelectronics M58MR064D Datasheet HTML 39Page - STMicroelectronics M58MR064D Datasheet HTML 40Page - STMicroelectronics M58MR064D Datasheet HTML 41Page - STMicroelectronics M58MR064D Datasheet HTML 42Page - STMicroelectronics M58MR064D Datasheet HTML 43Page - STMicroelectronics M58MR064D Datasheet HTML 44Page - STMicroelectronics M58MR064D Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
41/52
M58MR064C, M58MR064D
Figure 16. Program Flowchart and Pseudo Code (1)
Note: 1. Status check of b1 (Protected Block), b3 (VPP Invalid) and b4 (Program Error) can be made after each program operation or after
a program sequence.
2. If an error is found, the Status Register must be cleared (CLRS instruction) before further P/E.C. operations.
Write 40h or 10h
Command
AI90102
Start
Write Address
& Data
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
NO
b4 = 0
VPP Invalid
Error (1, 2)
Program
Error (1, 2)
Program instruction:
– write 40h or 10h command
– write Address & Data
(memory enters read status state after
the Program instruction)
do:
– read status register (E or G must be
toggled) if PES instruction given execute
suspend program loop
while b7 = 1
If b3 = 1, VPP invalid error:
– error handler
If b4 = 1, Program error:
– error handler
YES
End
YES
NO
b1 = 0
Program to Protected
Block Error (1, 2)
If b1 = 1, Program to protected block error:
– error handler
Suspend
Suspend
Loop
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com