Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR064D Datasheet(PDF) 40 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 36Page - STMicroelectronics M58MR064D Datasheet HTML 37Page - STMicroelectronics M58MR064D Datasheet HTML 38Page - STMicroelectronics M58MR064D Datasheet HTML 39Page - STMicroelectronics M58MR064D Datasheet HTML 40Page - STMicroelectronics M58MR064D Datasheet HTML 41Page - STMicroelectronics M58MR064D Datasheet HTML 42Page - STMicroelectronics M58MR064D Datasheet HTML 43Page - STMicroelectronics M58MR064D Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
M58MR064C, M58MR064D
40/52
Figure 15. Reset and Power-up AC Waveforms
AI90101
W,
VDD, VDDQ
tPLPH
E, G
tPHWL
tPHEL
tPHGL
tPHWL
tPHEL
tPHGL
tVDHPH
RP
L,
Power-up
Table 31. Reset and Power-up AC Characteristics
Note: 1. The device Reset is possible but not guaranteed if tPLPH < 100ns.
2. Sampled only, not 100% tested.
3. It is important to assert RP in order to allow proper CPU initialization during Power-up or System reset.
Table 32. Program, Erase Times and Program, Erase Endurance Cycles
(TA = –40 to 85°C; VDD =VDDQ = 1.65V to 2.0V, VPP =VDD unless otherwise specified)
Note: 1. Max values refer to the maximum time allowed by the internal algorithm before error bit is set. Worst case conditions program or
erase should perform significantly better.
2. Excludes the time needed to execute the sequence for program instruction.
3. Same timing value if VPP =12V.
Symbol
Parameter
Test Condition
Min
Unit
tPLPH
(1,2)
RP Pulse Width
100
ns
tPHEL
tPHLL
tPHWL
Reset High to Device Enabled
During Program and Erase
50
µs
Other Conditions
30
ns
tVDHPH
(3)
Supply Valid to Reset High
50
µs
Parameter
Min
Max (1)
Typ
Typical after
100k W/E Cycles
Unit
Parameter Block (4 K-Word) Erase (Preprogrammed)
2.5
0.5
1
sec
Main Block (32 K-Word) Erase (Preprogrammed)
10
1
3
sec
Bank Erase (Preprogrammed, Bank A)
4
sec
Bank Erase (Preprogrammed, Bank B)
15
sec
Chip Program (2)
40
sec
Chip Program (DPG, VPP = 12V)
(2)
20
sec
Word Program (3)
200
10
10
µs
Double Word Program
200
10
10
µs
Tetra Word Program
200
10
10
µs
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com