Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR064D Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 41Page - STMicroelectronics M58MR064D Datasheet HTML 42Page - STMicroelectronics M58MR064D Datasheet HTML 43Page - STMicroelectronics M58MR064D Datasheet HTML 44Page - STMicroelectronics M58MR064D Datasheet HTML 45Page - STMicroelectronics M58MR064D Datasheet HTML 46Page - STMicroelectronics M58MR064D Datasheet HTML 47Page - STMicroelectronics M58MR064D Datasheet HTML 48Page - STMicroelectronics M58MR064D Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
45/52
M58MR064C, M58MR064D
Figure 20. Erase Suspend & Resume Flowchart and Pseudo Code
Write 70h
Command
AI90106
Read Status
Register
YES
NO
b7 = 1
YES
NO
b6 = 1
Erase Continues
PES instruction:
– write B0h command
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b6 = 0, Erase completed
Write D0h
Command
Read data from
another block
or
Program/Protection Program
or
Block Protect/Unprotect/Lock
Start
Write B0h
Command
Erase Complete
Write FFh
Command
Read Data
PER instruction:
– write D0h command to resume
erasure
– if the erase operation completed
then this is not necessary.
The device returns to Read Array as
normal (as if the Program/Erase
suspend was not issued).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com