Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR064D Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 24Page - STMicroelectronics M58MR064D Datasheet HTML 25Page - STMicroelectronics M58MR064D Datasheet HTML 26Page - STMicroelectronics M58MR064D Datasheet HTML 27Page - STMicroelectronics M58MR064D Datasheet HTML 28Page - STMicroelectronics M58MR064D Datasheet HTML 29Page - STMicroelectronics M58MR064D Datasheet HTML 30Page - STMicroelectronics M58MR064D Datasheet HTML 31Page - STMicroelectronics M58MR064D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
M58MR064C, M58MR064D
28/52
Table 22. Burst Read Information
Table 23. Security Code Area
Offset
Data
Description
Value
(P+13)h = 4Ch
0003h
Page-mode read capability
bits 0-7
’n’ such that 2n HEX value represents the number of read-
page bytes. See offset 28h for device word width to
determine page-mode data output width. 00h indicates
no read page buffer.
8 Byte
(P+14)h = 4Dh
0003h
Number of synchronous mode read configuration fields that follow. 00h
indicates no burst capability.
3
(P+15)h = 4Eh
0001h
Synchronous mode read capability configuration 1
bit 3-7
Reserved
bit 0-2
’n’ such that 2n+1 HEX value represents the maximum
number of continuous synchronous reads when the device is
configured for its maximum word width. A value of 07h
indicates that the device is capable of continuous linear
bursts that will output data until the internal burst counter
reaches the end of the device’s burstable address space.
This field’s 3-bit value can be written directly to the read
configuration register bit 0-2 if the device is configured for its
maximum word width. See offset 28h for word width to
determine the burst data output width.
4
(P+16)h = 4Fh
0002h
Synchronous mode read capability configuration 2
8
(P+17)h = 50h
0007h
Synchronous mode read capability configuration 3
Cont.
(P+18)h = 51h
0036h
Max operating clock frequency (MHz)
54 MHz
(P+19)h = 52h
0001h
Supported handshaking signal (WAIT pin)
bit 0
during synchronous read
(1 = Yes, 0 = No)
bit 1
during asynchronous read
(1 = Yes, 0 = No)
Yes
No
Offset
Data
Description
80h
0000-0000-0000-0XX0
Lock Protection Register
81h
XXXX
64 bits: unique device number
82h
XXXX
83h
XXXX
84h
XXXX
85h
XXXX
64 bits: User Programmable OTP
86h
XXXX
87h
XXXX
88h
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com