Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR064D Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 9Page - STMicroelectronics M58MR064D Datasheet HTML 10Page - STMicroelectronics M58MR064D Datasheet HTML 11Page - STMicroelectronics M58MR064D Datasheet HTML 12Page - STMicroelectronics M58MR064D Datasheet HTML 13Page - STMicroelectronics M58MR064D Datasheet HTML 14Page - STMicroelectronics M58MR064D Datasheet HTML 15Page - STMicroelectronics M58MR064D Datasheet HTML 16Page - STMicroelectronics M58MR064D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
13/52
M58MR064C, M58MR064D
CFI Query (RCFI)
The CFI Query Mode is associated to bank A. The
address of the first write cycle must be within the
bank A. The status of the other bank is not affected
by the command (see Table 8). Writing 98h the de-
vice enters the Common Flash Interface Query
mode. Next read operations in the bank A will read
the CFI data. Write a read instruction to return to
Read mode (refer to the Common Flash Interface
section).
Clear Status Register (CLSR)
The Clear Status Register uses a single write op-
eration, which resets bits b1, b3, b4 e b5 of the sta-
tus register. The Clear Status Register is executed
writing the command 50h independently of the ap-
plied VPP voltage. After executing this command
the device returns to read array mode. The Clear
Status Register command clears only the status
register of the addressed bank.
Block Erase (EE)
Block erasure sets all the bits within the selected
block to '1'. One block at a time can be erased. It
is not necessary to pre-program the block as the
P/E.C. will do it automatically before erasing. This
instruction use two writes cycles. The first com-
mand written is the Block Erase Set up command
20h. The second command is the Erase Confirm
command D0h. An address within the block to be
erased should be given to the memory during the
two cycles command. If the second command giv-
en is not an erase confirm, the status register bits
b4 and b5 are set and the instruction aborts.
After writing the command, the device outputs sta-
tus register data when any address within the bank
is read. At the end of the operation the bank will re-
main in read status register until a read array com-
mand is written.
Status Register bit b7 is '0' while the erasure is in
progress and '1' when it has completed. After com-
pletion the Status Register bit b5 returns '1' if there
has been an Erase Failure. Status register bit b1
returns '1' if theuser is attemptingto eraseapro-
tected block. Status Register bit b3 returns a '1' if
VPP is below VPPLK. Erase aborts if RP turns to
VIL. As data integrity cannot be guaranteed when
the erase operation is aborted, the erase must be
repeated (see Table 12). A Clear Status Register
instruction must be issued to reset b1, b3, b4 and
b5 of the Status Register. During the execution of
the erase by the P/E.C., the bank with the block in
erase accepts only the RSR (Read Status Regis-
ter) and PES (Program/Erase Suspend) instruc-
tions. See figure 19 for Erase Flowchart and
Pseudo Code.
Bank Erase (BE)
Bank erase sets all the bits within the selected
bank to ’1’. It is not necessary to pre-program the
block as the P/E.C. will do it automatically before
erasing.
This instruction uses two writes cycles. The first
command written is the Bank Erase set-up com-
mand 80h. The second command is the Erase
Confirm command D0h. An address within the
bank to be erased should be given to the memory
during the two cycles command. See the Block
Erase command section for status register bit de-
tails.
Note: 1. First cycle command address should be the same as the operation's target address. The first cycle of the RD, RSR, RSIG or RCFI
instruction is followed by read operations in the bank array or special register. Any number of read cycles can occur after one com-
mand cycle.
2. BKA means Address within the bank;
BA means Block Address;
EA means Electronic Signature Address;
CA means Common Flash Interface Address;
WA means Word Address;
PA means Protection Register Address (see Table 7);
LPA means Lock Protection Register Address (see Table 7);
RCA means Read Configuration Register Address.
3. PD means Protection Data;
CD means Common Flash Interface Data;
ED means Electronic Signature Data;
WD means Data to be programmed at the address location WA;
LPD means Lock protection Register Data
4. WA1, WA2, WA3 and WA4 must be consecutive address differing only for address bits A1-A0.
5. Read cycle after e CLSR instruction will output the memory array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com